Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 301Page - Renesas Technology Corp 38K2 Datasheet HTML 302Page - Renesas Technology Corp 38K2 Datasheet HTML 303Page - Renesas Technology Corp 38K2 Datasheet HTML 304Page - Renesas Technology Corp 38K2 Datasheet HTML 305Page - Renesas Technology Corp 38K2 Datasheet HTML 306Page - Renesas Technology Corp 38K2 Datasheet HTML 307Page - Renesas Technology Corp 38K2 Datasheet HTML 308Page - Renesas Technology Corp 38K2 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 44 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.15 Structure of EP03 set register
b7
b0
Double buffer beginning address set
bit
Buffer mode select bit
Sequence toggle bit clear bit
Interrupt toggle mode select bit
Transfer direction bit
Transfer type bit
BSIZ03
[1:0]
DBLB03
SQCL03
ITMD03
DIR03
TYP03
[1:0]
–
–
–
–
–
–
0
0
0
0
0
0
EP03 set register (EP03CFG) [address 001916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
In double buffer mode set the beginning address of buffer 1
area, using a relative value for the beginning address of
buffer 0.
b1b0
0 0 = 8 bytes
0 1 = 16 bytes
1 0 = 64 bytes
1 1 = 128 bytes
0 : Single buffer mode
1 : Double buffer mode
0 : Toggle bit clear disabled
1 : Writing “1” clears the toggle bit and DATA0 is used
as the next data PID.
“0” is always read when reading.
0 : Normal mode
1 : Continuous toggle mode (valid at Interrupt IN transfer)
0 : OUT (Data is received from the host.)
1 : IN (Data is transmitted to the host.)
b7b6
0 0 : Transfer disabled
0 1 : Bulk transfer
1 0 : Interrupt transfer
1 1 : Isochronous transfer
O
O
O
O
O
O
O
O
O
O
O
O
–: State remaining
W
R
Fig. 3.4.14 Structure of EP02 set register
b7
b0
Double buffer beginning address set
bit
Buffer mode select bit
Sequence toggle bit clear bit
Interrupt toggle mode select bit
Transfer direction bit
Transfer type bite
BSIZ02
[1:0]
DBLB02
SQCL02
ITMD02
DIR02
TYP02
[1:0]
–
–
–
–
–
–
0
0
0
0
0
0
EP02 set register (EP02CFG) [address 001916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
In double buffer mode set the beginning address of buffer 1
area, using a relative value for the beginning address of
buffer 0.
b1b0
0 0 = 8 bytes
0 1 = 16 bytes
1 0 = 64 bytes
1 1 = 128 bytes
0 : Single buffer mode
1 : Double buffer mode
0 : Toggle bit clear disabled
1 : Writing “1” clears the toggle bit and DATA0 is used
as the next data PID.
“0” is always read when reading.
0 : Normal mode
1 : Continuous toggle mode (valid at Interrupt IN transfer)
0 : OUT (Data is received from the host.)
1 : IN (Data is transmitted to the host.)
b7b6
0 0 : Transfer disabled
0 1 : Bulk transfer
1 0 : Interrupt transfer
1 1 : Isochronous transfer
O
O
O
O
O
O
O
O
O
O
O
O
–: State remaining
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com