Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 151Page - Renesas Technology Corp R8C/19 Datasheet HTML 152Page - Renesas Technology Corp R8C/19 Datasheet HTML 153Page - Renesas Technology Corp R8C/19 Datasheet HTML 154Page - Renesas Technology Corp R8C/19 Datasheet HTML 155Page - Renesas Technology Corp R8C/19 Datasheet HTML 156Page - Renesas Technology Corp R8C/19 Datasheet HTML 157Page - Renesas Technology Corp R8C/19 Datasheet HTML 158Page - Renesas Technology Corp R8C/19 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 140 of 233
REJ09B0222-0130
Figure 14.29
TCOUT Register
Timer C Output Control Register
(1)
Symbol
Address
After Reset
TCOUT
00FFh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Set the bits w hich are not used for CMP output to 0.
TCOUT7
TCOUT6
RW
CMP output enable bit 5
TCOUT5
CMP output enable bit 4
0 : Disables CMP output from CMP1_1.
1 : Enables CMP output from CMP1_1.
CMP output invert bit 1
0 : Does not invert CMP output from CMP1_0
to CMP1_2.
1 : Inverts CMP output from CMP1_0 to CMP1_2.
b3 b2
0 : Disables CMP output from CMP0_2.
1 : Enables CMP output from CMP0_2.
b1 b0
TCOUT1
TCOUT0
b7 b6 b5 b4
RW
TCOUT2
RW
RW
CMP output enable bit 2
CMP output enable bit 0
0 : Disables CMP output from CMP0_0.
1 : Enables CMP output from CMP0_0.
CMP output enable bit 1
0 : Disables CMP output from CMP0_1.
1 : Enables CMP output from CMP0_1.
RW
TCOUT4
TCOUT3
CMP output enable bit 3
0 : Disables CMP output from CMP1_0.
1 : Enables CMP output from CMP1_0.
RW
0 : Disables CMP output from CMP1_2.
1 : Enables CMP output from CMP1_2.
RW
CMP output invert bit 0
0 : Does not invert CMP output from CMP0_0
to CMP0_2.
1 : Inverts CMP output from CMP0_0 to CMP0_2.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com