Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 155Page - Renesas Technology Corp R8C/19 Datasheet HTML 156Page - Renesas Technology Corp R8C/19 Datasheet HTML 157Page - Renesas Technology Corp R8C/19 Datasheet HTML 158Page - Renesas Technology Corp R8C/19 Datasheet HTML 159Page - Renesas Technology Corp R8C/19 Datasheet HTML 160Page - Renesas Technology Corp R8C/19 Datasheet HTML 161Page - Renesas Technology Corp R8C/19 Datasheet HTML 162Page - Renesas Technology Corp R8C/19 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 144 of 233
REJ09B0222-0130
Figure 14.31
Operating Example in Output Compare Mode
Value set in TM1 register
0000h
Count starts
Match
Time
TCC00 bit in
TCC0 register
1
0
IR bit in
CMP0IC register
1
0
TCC12 bit in TCC1 register = 1 (TC register is set to 0000h at compare 1 match occurrence )
TCC13 bit in TCC1 register = 1 (Compare 0 output selected)
TCC15 to TCC14 bits in TCC1 register = 11b (CMP output level is set to high at compare 0 match occurrence)
TCC17 to TCC16 bits in TCC1 register = 10b (CMP output level is set to low at compare 1 match occurrence)
TCOUT6 bit in TCOUT register = 0 (not inverted)
TCOUT7 bit in TCOUT register = 1 (inverted)
TCOUT0 bit in TCOUT register = 1 (CMP0_0 output enabled)
TCOUT3 bit in TCOUT register = 1 (CMP1_0 output enabled)
P1_0 bit in P1 register = 1 (high)
P3_0 bit in P3 register = 1 (high)
Set to 1 by program
IR bit in
CMP1IC register
1
0
Value set in TM0 register
Match
Match
CMP0_0 output
1
0
1
0
CMP1_0 output
Set to 0 when interrupt request is acknowledged, or set by program
Set to 0 when interrupt request is
acknowledged, or set by program
Conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com