Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 161Page - Renesas Technology Corp R8C/19 Datasheet HTML 162Page - Renesas Technology Corp R8C/19 Datasheet HTML 163Page - Renesas Technology Corp R8C/19 Datasheet HTML 164Page - Renesas Technology Corp R8C/19 Datasheet HTML 165Page - Renesas Technology Corp R8C/19 Datasheet HTML 166Page - Renesas Technology Corp R8C/19 Datasheet HTML 167Page - Renesas Technology Corp R8C/19 Datasheet HTML 168Page - Renesas Technology Corp R8C/19 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 150 of 233
REJ09B0222-0130
Figure 15.5
Registers U0C0 to U1C0
UARTi Transmit/Receive Control Register 0 (i = 0 or 1)
Symbol
Address
After Reset
U0C0
00A4h
08h
U1C0
00ACh
08h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. If the BRG count source is sw itched, set the UiBRG register again.
b3 b2
TXEPT
b1 b0
0
CLK0
b7 b6 b5 b4
—
(b2)
RW
RO
—
(b4)
—
NCH
RW
RW
CKPOL
CLK1
RW
BRG count source select
bits(1)
b1 b0
0 0 : Selects f1.
0 1 : Selects f8.
1 0 : Selects f32.
1 1 : Do not set.
UFORM
Transfer format select bit 0 : LSB first
1 : MSB first
RW
Reserved bit
CLK polarity select bit
0 : Transmit data is output at falling edge of transfer
clock and receive data is input at rising edge.
1 : Transmit data is output at rising edge of transfer
clock and receive data is input at falling edge.
Set to 0.
Transmit register empty
flag
0 : Data in transmit register (during transmit)
1 : No data in transmit register (transmit completed)
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Data output select bit
0 : TXDi pin is for CMOS output.
1 : TXDi pin is for N-channel open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com