Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 163Page - Renesas Technology Corp R8C/19 Datasheet HTML 164Page - Renesas Technology Corp R8C/19 Datasheet HTML 165Page - Renesas Technology Corp R8C/19 Datasheet HTML 166Page - Renesas Technology Corp R8C/19 Datasheet HTML 167Page - Renesas Technology Corp R8C/19 Datasheet HTML 168Page - Renesas Technology Corp R8C/19 Datasheet HTML 169Page - Renesas Technology Corp R8C/19 Datasheet HTML 170Page - Renesas Technology Corp R8C/19 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 152 of 233
REJ09B0222-0130
15.1
Clock Synchronous Serial I/O Mode
In clock synchronous serial I/O mode, data is transmitted and received using a transfer clock. Table 15.1
lists the Clock Synchronous Serial I/O Mode Specifications. Table 15.2 lists the Registers Used and
Settings in Clock Synchronous Serial I/O Mode(1).
NOTES:
1. The programming and erasure endurance is defined on a per-block basis. If the programming and
erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024
1-byte writes are performed to block A, a 1-Kbyte block, and then the block is erased, the erase
count stands at one. When performing 100 or more rewrites, the actual erase count can be reduced
by executing programming operations in such a way that all blank areas are used before performing
an erase operation. Avoid rewriting only particular blocks and try to average out the programming
and erasure endurance of the blocks. It is also advisable to retain data on the erase count of each
block and limit the number of erase operations to a certain number.
2. If an overrun error occurs, the value of the U0RB register will be undefined. The IR bit in the S0RIC
register remains unchanged.
Table 15.1
Clock Synchronous Serial I/O Mode Specifications
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clocks
• CKDIR bit in U0MR register is set to 0 (internal clock): fi/(2(n+1)).
fi = f1, f8, f32 n = value set in U0BRG register: 00h to FFh
• The CKDIR bit is set to 1 (external clock): input from CLK0 pin.
Transmit start conditions
• Before transmission starts, the following requirements must be met.(1)
- The TE bit in the U0C1 register is set to 1 (transmission enabled).
- The TI bit in the U0C1 register is set to 0 (data in the U0TB register).
Receive start conditions
• Before reception starts, the following requirements must be met.(1)
- The RE bit in the U0C1 register is set to 1 (reception enabled).
- The TE bit in the U0C1 register is set to 1 (transmission enabled).
- The TI bit in the U0C1 register is set to 0 (data in the U0TB register).
Interrupt request
generation timing
• When transmitting, one of the following conditions can be selected.
- The U0IRS bit is set to 0 (transmit buffer empty):
When transferring data from the U0TB register to UART0 transmit
register (when transmission starts).
- The U0IRS bit is set to 1 (transmission completes):
When completing data transmission from UARTi transmit register.
• When receiving
When data transfer from the UART0 receive register to the U0RB register
(when reception completes).
Error detection
• Overrun error(2)
This error occurs if the serial interface starts receiving the next data item
before reading the U0RB register and receives the 7th bit of the next data.
Select functions
• CLK polarity selection
Transfer data input/output can be selected to occur synchronously with the
rising or the falling edge of the transfer clock.
• LSB first, MSB first selection
Whether transmitting or receiving data begins with bit 0 or begins with bit 7
can be selected.
• Continuous receive mode selection.
Receive is enabled immediately by reading the U0RB register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com