Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 166Page - Renesas Technology Corp R8C/19 Datasheet HTML 167Page - Renesas Technology Corp R8C/19 Datasheet HTML 168Page - Renesas Technology Corp R8C/19 Datasheet HTML 169Page - Renesas Technology Corp R8C/19 Datasheet HTML 170Page - Renesas Technology Corp R8C/19 Datasheet HTML 171Page - Renesas Technology Corp R8C/19 Datasheet HTML 172Page - Renesas Technology Corp R8C/19 Datasheet HTML 173Page - Renesas Technology Corp R8C/19 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 155 of 233
REJ09B0222-0130
15.1.1
Polarity Select Function
Figure 15.8 shows the Transfer Clock Polarity. Use the CKPOL bit in the U0C0 register to select the
transfer clock polarity.
Figure 15.8
Transfer Clock Polarity
15.1.2
LSB First/MSB First Select Function
Figure 15.9 shows the Transfer Format. Use the UFORM bit in the U0C0 register to select the
transfer format.
Figure 15.9
Transfer Format
CLK0(1)
D0
TXD0
• When the CKPOL bit in the U0C0 register = 0 (output transmit data at the falling
edge and input the receive data at the rising edge of the transfer clock)
D1
D2
NOTES:
1. When not transferring, the CLK0 pin level is “H”.
2. When not transferring, the CLK0 pin level is “L”.
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
CLK0(2)
D0
TXD0
D1
D2
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
• When the CKPOL bit in the U0C0 register = 1 (output transmit data at the rising
edge and input receive data at the falling edge of the transfer clock)
CLK0
D0
TXD0
• When UFORM bit in U0C0 register = 0 (LSB first)(1)
D1
D2
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
CLK0
D7
TXD0
D6
D5
D4
D3
D2
D1
D0
RXD0
• When UFORM bit in U0C0 register = 1 (MSB first)(1)
NOTE:
1. The above applies when the CKPOL bit in the U0C0 register is
set to 0 (output transmit data at the falling edge and input receive
data at the rising edge of the transfer clock).
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com