Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 179Page - Renesas Technology Corp R8C/19 Datasheet HTML 180Page - Renesas Technology Corp R8C/19 Datasheet HTML 181Page - Renesas Technology Corp R8C/19 Datasheet HTML 182Page - Renesas Technology Corp R8C/19 Datasheet HTML 183Page - Renesas Technology Corp R8C/19 Datasheet HTML 184Page - Renesas Technology Corp R8C/19 Datasheet HTML 185Page - Renesas Technology Corp R8C/19 Datasheet HTML 186Page - Renesas Technology Corp R8C/19 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 257 page
background image
R8C/18 Group, R8C/19 Group
16. Comparator
Rev.1.30
Apr 14, 2006
Page 168 of 233
REJ09B0222-0130
Figure 16.4
Registers ADCON0 and ADCON1 in One-Shot Mode
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00000XXXb
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
b0
1
0
b3 b2 b1
MD
Comparator conversion
operating mode select bit(3)
b7 b6 b5 b4
1
CH2
RW
Analog input pin select
bits(2)
b2 b1 b0
1 0 0 : AN8
1 0 1 : AN9
1 1 0 : AN10
1 1 1 : AN11
Other than above : Do not set.
0 : One-shot mode
RW
RW
ADGSEL0
RW
Analog input group select
bit(5)
0 : Disabled
1 : Enabled (AN8 to AN11)
CH1
RW
CH0
ADCAP
Comparator conversion
automatic start bit
0 : Starts at softw are trigger (ADST bit).
1 : Starts at capture (requests timer Z interrupt).
RW
ADST
Comparator conversion
start flag
0 : Disables comparator conversion.
1 : Starts comparator conversion.
RW
To use the comparator, set the ADGSEL0 bit to 1.
When changing comparator conversion operating mode, set the analog input pin again.
Set the øAD frequency to 10 MHz or below .
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Selects f4.
1 : Selects f2.
[When CKS1 in ADCON1 register = 1]
0 : Selects f1.(4)
1 : fRING-fast
RW
If the ADCON0 register is rew ritten during comparator conversion, the conversion result is undefined.
Bits CH0 to CH2 are enabled w hen the ADGSEL0 bit is set to 1. After setting the ADGSEL0 bit to 1, w rite to bits CH0
to CH2.
A/D Control Register 1
(1)
Symbol
Address
After Reset
ADCON1
00D7h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RW
Set to 0.
Frequency select bit 1
Reserved bits
Set to 0.
If the ADCON1 register is rew ritten during comparator conversion, the conversion result is undefined.
CKS1
RW
RW
—
(b7-b5)
Reserved bits
000
b7 b6 b5 b4
0
00
Refer to the description of the CKS0 bit in the
ADCON0 register function
—
(b3-b0)
0
b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com