Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 182Page - Renesas Technology Corp R8C/19 Datasheet HTML 183Page - Renesas Technology Corp R8C/19 Datasheet HTML 184Page - Renesas Technology Corp R8C/19 Datasheet HTML 185Page - Renesas Technology Corp R8C/19 Datasheet HTML 186Page - Renesas Technology Corp R8C/19 Datasheet HTML 187Page - Renesas Technology Corp R8C/19 Datasheet HTML 188Page - Renesas Technology Corp R8C/19 Datasheet HTML 189Page - Renesas Technology Corp R8C/19 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 257 page
background image
R8C/18 Group, R8C/19 Group
16. Comparator
Rev.1.30
Apr 14, 2006
Page 171 of 233
REJ09B0222-0130
16.3
Notes on Comparator
• Write to each bit (other than bit 6) in the ADCON0 register, each bit in the ADCON1 register, or the
CMPSEL bit in the ADCON2 register when the comparator conversion stops (before a trigger
occurs).
• When changing comparator conversion operating mode, select an analog input pin again.
• To use in one-shot mode, ensure that the comparator conversion is completed and the AD register is
read. The IR bit in the ADIC register or the ADST bit in the ADCON0 register can determine whether
the comparator conversion is completed.
• To use in repeat mode, use the undivided main clock as the CPU clock.
• If the ADST bit in the ADCON0 register is set to 0 (comparator conversion stops) by a program and
the comparator conversion is forcibly terminated during the comparator conversion operation, the
conversion result of the comparator will be indeterminate. If the ADST bit is set to 0 by a program, do
not use the AD register value.
• Connect a 0.1 µF capacitor between the VCC/AVCC pin and VSS/AVSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com