Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 199Page - Renesas Technology Corp R8C/19 Datasheet HTML 200Page - Renesas Technology Corp R8C/19 Datasheet HTML 201Page - Renesas Technology Corp R8C/19 Datasheet HTML 202Page - Renesas Technology Corp R8C/19 Datasheet HTML 203Page - Renesas Technology Corp R8C/19 Datasheet HTML 204Page - Renesas Technology Corp R8C/19 Datasheet HTML 205Page - Renesas Technology Corp R8C/19 Datasheet HTML 206Page - Renesas Technology Corp R8C/19 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 188 of 233
REJ09B0222-0130
17.4.3
Software Commands
The software commands are described below. Read or write commands and data in 8-bit units.
SRD: Status register
data (D7 to D0)
WA: Write address (ensure the address specified in the first bus cycle is the same address as the write
address specified in the second bus cycle.)
WD: Write data (8 bits)
BA: Given block address
×:
Any specified address in the user ROM area
17.4.3.1
Read Array Command
The read array command reads the flash memory.
The MCU enters read array mode when FFh is written in the first bus cycle. When the read address is
entered in the following bus cycles, the content of the specified address can be read in 8-bit units.
Since the MCU remains in read array mode until another command is written, the contents of multiple
addresses can be read continuously.
17.4.3.2
Read Status Register Command
The read status register command is used to read the status register.
When 70h is written in the first bus cycle, the status register can be read in the second bus cycle.
(Refer to 17.4.4 Status Register.) When reading the status register, specify an address in the user
ROM area.
Do not execute this command in EW1 mode.
17.4.3.3
Clear Status Register Command
The clear status register command sets the status register to 0.
When 50h is written in the first bus cycle, bits FMR06 to FMR07 in the FMR0 register and SR4 to SR5
in the status register are set to 0.
Table 17.4
Software Commands
Command
First Bus Cycle
Second Bus Cycle
Mode
Address
Data
(D7 to D0)
Mode
Address
Data
(
D7 to D0)
Read array
Write
×
FFh
Read status register
Write
×
70h
Read
×
SRD
Clear status register
Write
×
50h
Program
Write
WA
40h
Write
WA
WD
Block erase
Write
×
20h
Write
BA
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com