Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 197Page - Renesas Technology Corp R8C/19 Datasheet HTML 198Page - Renesas Technology Corp R8C/19 Datasheet HTML 199Page - Renesas Technology Corp R8C/19 Datasheet HTML 200Page - Renesas Technology Corp R8C/19 Datasheet HTML 201Page - Renesas Technology Corp R8C/19 Datasheet HTML 202Page - Renesas Technology Corp R8C/19 Datasheet HTML 203Page - Renesas Technology Corp R8C/19 Datasheet HTML 204Page - Renesas Technology Corp R8C/19 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 186 of 233
REJ09B0222-0130
Figure 17.9 shows How to Set and Exit EW0 Mode. Figure 17.10 shows How to Set and Exit EW1
Mode.
Figure 17.9
How to Set and Exit EW0 Mode
Figure 17.10
How to Set and Exit EW1 Mode
Set registers CM0 and CM1(1)
Transfer a rewrite control program which uses CPU
rewrite mode to any area other than the flash
memory.
Jump to the rewrite control program which has been
transferred to any area other than the flash memory.
(The subsequent process is executed by the rewrite
control program in an area other than the flash
memory.)
Set the FMR01 bit by writing 0 and then 1
(CPU rewrite mode enabled)(2)
Execute the read array command(3)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
Rewrite control program
NOTES:
1. Select 5 MHz or below for the CPU clock by the CM06 bit in the CM0 register and bits CM16 to CM17 in the CM1 register.
2. To set the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1. Do not generate an interrupt between writing 0 and 1.
3. Disable the CPU rewrite mode after executing the read array command.
EW0 Mode Operating Procedure
Write 0 to the FMR01 bit before writing 1 (CPU
rewrite mode enabled)(1)
Write 0 to the FMR11 bit before writing 1 (EW1
mode)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
NOTE:
1. To set the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1.
Do not generate an interrupt between writing 0 and 1.
EW1 Mode Operating Procedure
Program in ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com