Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 193Page - Renesas Technology Corp R8C/19 Datasheet HTML 194Page - Renesas Technology Corp R8C/19 Datasheet HTML 195Page - Renesas Technology Corp R8C/19 Datasheet HTML 196Page - Renesas Technology Corp R8C/19 Datasheet HTML 197Page - Renesas Technology Corp R8C/19 Datasheet HTML 198Page - Renesas Technology Corp R8C/19 Datasheet HTML 199Page - Renesas Technology Corp R8C/19 Datasheet HTML 200Page - Renesas Technology Corp R8C/19 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 182 of 233
REJ09B0222-0130
Figure 17.5
FMR0 Register
Flash Memory Control Register 0
Symbol
Address
After Reset
FMR0
01B7h
00000001b
Bit Symbol
Bit Name
Function
RW
RY/BY
___
status flag
NOTES:
1.
2.
3.
4.
5.
6.
FMR07
b3 b2 b1 b0
—
(b5-b4)
FMR00
FMSTP
FMR02
0 : Disables rew rite.
1 : Enables rew rite.
Flash memory stop bit(3, 5)
0 : Enables flash memory operation.
1 : Stops flash memory
(enters low -pow er consumption state
and flash memory is reset).
FMR01
Block 0, 1 rew rite enable bit(2, 6)
0 : Busy (w riting or erasing in progress)
1 : Ready
CPU rew rite mode select bit(1)
b7 b6 b5 b4
RO
00
Reserved bits
Set to 0.
RW
0 : Completed successfully
1 : Terminated by error
RW
RO
RO
RW
RW
0 : CPU rew rite mode disabled
1 : CPU rew rite mode enabled
When setting the FMR01 bit to 0 (CPU rew rite mode disabled), the FMR02 bit is set to 0 (disables rew rite).
This bit is set to 0 by executing the clear status command.
This bit is enabled w hen the FMR01 bit is set to 1 (CPU rew rite mode). When the FMR01 bit is set to 0, w riting 1 to the
FMSTP bit causes the FMSTP bit to be set to 1. The flash memory does not enter low -pow er consumption state nor is
it reset.
FMR06
To set this bit to 1, set it to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit
to 0 and setting it to 1. Enter read array mode and set this bit to 0.
Set this bit to 1 immediately after setting it first to 0 w hile the FMR01 bit is set to 1.
Do not generate an interrupt betw een setting the bit to 0 and setting it to 1.
Set this bit by a program located in a space other than the flash memory.
Program status flag(4)
0 : Completed successfully
1 : Terminated by error
Erase status flag(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com