Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 191Page - Renesas Technology Corp R8C/19 Datasheet HTML 192Page - Renesas Technology Corp R8C/19 Datasheet HTML 193Page - Renesas Technology Corp R8C/19 Datasheet HTML 194Page - Renesas Technology Corp R8C/19 Datasheet HTML 195Page - Renesas Technology Corp R8C/19 Datasheet HTML 196Page - Renesas Technology Corp R8C/19 Datasheet HTML 197Page - Renesas Technology Corp R8C/19 Datasheet HTML 198Page - Renesas Technology Corp R8C/19 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 180 of 233
REJ09B0222-0130
Figure 17.5 shows the FMR0 Register. Figure 17.7 shows the FMR4 Register.
17.4.2.1
FMR00 Bit
This bit indicates the operating status of the flash memory. The bits value is 0 during programming,
erasure, or erase-suspend mode; otherwise, it is 1.
17.4.2.2
FMR01 Bit
The MCU is made ready to accept commands by setting the FMR01 bit to 1 (CPU rewrite mode).
17.4.2.3
FMR02 Bit
Rewriting of blocks 0 and 1 does not accept the program or block erase commands if the FMR02 bit
is set to 0 (rewrite disabled).
Rewriting of blocks 0 and 1 is controlled by bits FMR15 and FMR16 if the FMR02 bit is set to 1
(rewrite enabled).
17.4.2.4
FMSTP Bit
This bit is used to initialize the flash memory control circuits, and also to reduce the amount of current
consumed by the flash memory. Access to the flash memory is disabled by setting the FMSTP bit to
1. Therefore, the FMSTP bit must be written to by a program located outside of the flash memory.
In the following cases, set the FMSTP bit to 1:
• When flash memory access resulted in an error while erasing or programming in EW0 mode
(FMR00 bit not reset to 1 (ready)).
• When entering on-chip oscillator mode (main clock stops).
Figure 17.11 shows a flowchart to be followed before and after entering on-chip oscillator mode (main
clock stop). Note that when going to stop or wait mode while the CPU rewrite mode is disabled, the
FMR0 register does not need to be set because the power for the flash memory is automatically
turned off and is turned back on again after returning from stop or wait mode.
17.4.2.5
FMR06 Bit
This is a read-only bit indicating the status of an auto-program operation. The bit is set to 1 when a
program error occurs; otherwise, it is set to 0. Refer to 17.4.5 Full Status Check for details.
17.4.2.6
FMR07 Bit
This is a read-only bit indicating the status of an auto-erase operation. The bit is set to 1 when an
erase error occurs; otherwise, it is set to 0. Refer to 17.4.5 Full Status Check for details.
17.4.2.7
FMR11 Bit
Setting this bit to 1 (EW1 mode) places the MCU in EW1 mode.
17.4.2.8
FMR15 Bit
When the FMR02 bit is set to 1 (rewrite enabled) and the FMR15 bit is set to 0 (rewrite enabled),
block 0 accepts program and block erase commands.
17.4.2.9
FMR16 Bit
When the FMR02 bit is set to 1 (rewrite enabled) and the FMR16 bit is set to 0 (rewrite enabled),
block 1 accepts program and block erase commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com