Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 187Page - Renesas Technology Corp R8C/19 Datasheet HTML 188Page - Renesas Technology Corp R8C/19 Datasheet HTML 189Page - Renesas Technology Corp R8C/19 Datasheet HTML 190Page - Renesas Technology Corp R8C/19 Datasheet HTML 191Page - Renesas Technology Corp R8C/19 Datasheet HTML 192Page - Renesas Technology Corp R8C/19 Datasheet HTML 193Page - Renesas Technology Corp R8C/19 Datasheet HTML 194Page - Renesas Technology Corp R8C/19 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 176 of 233
REJ09B0222-0130
17.3
Functions to Prevent Rewriting of Flash Memory
Standard serial I/O mode has an ID code check function, and parallel I/O mode has a ROM code protect
function to prevent the flash memory from being read or rewritten easily.
17.3.1
ID Code Check Function
This function is used in standard serial I/O mode. Unless the flash memory is blank, the ID codes sent
from the programmer and the ID codes written in the flash memory are checked to see if they match.
If the ID codes do not match, the commands sent from the programmer are not acknowledged. The
ID codes consist of 8 bits of data each, the areas of which, beginning with the first byte, are 00FFDFh,
00FFE3h, 00FFEBh, 00FFEFh, 00FFF3h, 00FFF7h, and 00FFFBh. Write programs in which the ID
codes are set at these addresses and write them to the flash memory.
Figure 17.3
Address for Stored ID Code
4 bytes
Address
00FFDFh to 00FFDCh
Undefined instruction vector
NOTE:
1. The OFS register is assigned to 00FFFFh. Refer to
Figure 13.2 Registers OFS and WDC and Figure
13.3 Registers WDTR and WDTS for OFS register
details.
Overflow vector
00FFE3h to 00FFE0h
00FFE7h to 00FFE4h
BRK instruction vector
Address match vector
00FFEBh to 00FFE8h
00FFEFh to 00FFECh
Oscillation stop detection/watchdog
timer/voltage monitor 2 vector
00FFF3h to 00FFF0h
00FFF7h to 00FFF4h
Address break
00FFFBh to 00FFF8h
Reset vector
00FFFFh to 00FFFCh
(Reserved)
ID1
ID2
ID3
ID4
ID5
ID6
ID7
(Note 1)
Single step vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com