Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 189Page - Renesas Technology Corp R8C/19 Datasheet HTML 190Page - Renesas Technology Corp R8C/19 Datasheet HTML 191Page - Renesas Technology Corp R8C/19 Datasheet HTML 192Page - Renesas Technology Corp R8C/19 Datasheet HTML 193Page - Renesas Technology Corp R8C/19 Datasheet HTML 194Page - Renesas Technology Corp R8C/19 Datasheet HTML 195Page - Renesas Technology Corp R8C/19 Datasheet HTML 196Page - Renesas Technology Corp R8C/19 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 178 of 233
REJ09B0222-0130
17.4
CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be rewritten by executing software commands from the
CPU. Therefore, the user ROM area can be rewritten directly while the MCU is mounted on a board
without using a ROM programmer. Execute the program and block erase commands only to blocks in the
user ROM area.
The flash module has an erase-suspend function when an interrupt request is generated during an erase
operation in CPU rewrite mode. It performs an interrupt process after the erase operation is halted
temporarily. During erase-suspend, the user ROM area can be read by a program.
In case an interrupt request is generated during an auto-program operation in CPU rewrite mode, the
flash module has a program-suspend function which performs the interrupt process after the
auto-program operation. During program-suspend, the user ROM area can be read by a program.
CPU rewrite mode has an erase write 0 mode (EW0 mode) and an erase write 1 mode (EW1 mode).
Table 17.3 lists the Differences between EW0 Mode and EW1 Mode.
NOTE:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled), rewriting block 0 is enabled by setting
the FMR15 bit in the FMR1 register to 0 (rewrite enabled), and rewriting block 1 is enabled by setting the
FMR16 bit to 0 (rewrite enabled).
Table 17.3
Differences between EW0 Mode and EW1 Mode
Item
EW0 Mode
EW1 Mode
Operating mode
Single-chip mode
Single-chip mode
Areas in which a rewrite
control program can be
located
User ROM area
User ROM area
Areas in which a rewrite
control program can be
executed
Necessary to transfer to any area other
than the flash memory (e.g., RAM) before
executing.
Executing directly in user ROM area is
possible.
Areas which can be
rewritten
User ROM area
User ROM area
However, blocks which contain a rewrite
control program are excluded.(1)
Software command
restrictions
None
• Program and block erase commands
• Cannot be run on any block which
contains a rewrite control program
• Read status register command cannot be
executed
Modes after program or
erase
Read status register mode
Read array mode
CPU status during auto-
write and auto-erase
Operating
Hold state (I/O ports hold state before the
command is executed)
Flash memory status
detection
• Read bits FMR00, FMR06, and FMR07
in the FMR0 register by a program.
• Execute the read status register
command and read bits SR7, SR5, and
SR4 in the status register.
Read bits FMR00, FMR06, and FMR07 in
the FMR0 register by a program.
Conditions for transition to
erase-suspend
Set bits FMR40 and FMR41 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated.
Conditions for transitions to
program-suspend
Set bits FMR40 and FMR42 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated.
CPU clock
5 MHz or below
No restriction (on clock frequency to be
used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com