Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 213Page - Renesas Technology Corp R8C/19 Datasheet HTML 214Page - Renesas Technology Corp R8C/19 Datasheet HTML 215Page - Renesas Technology Corp R8C/19 Datasheet HTML 216Page - Renesas Technology Corp R8C/19 Datasheet HTML 217Page - Renesas Technology Corp R8C/19 Datasheet HTML 218Page - Renesas Technology Corp R8C/19 Datasheet HTML 219Page - Renesas Technology Corp R8C/19 Datasheet HTML 220Page - Renesas Technology Corp R8C/19 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 202 of 233
REJ09B0222-0130
18. Electrical Characteristics
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
Typical values when average output current is 100 ms.
Table 18.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.5
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.5
V
VI
Input voltage
-0.3 to VCC+0.3
V
VO
Output voltage
-0.3 to VCC+0.3
V
Pd
Power dissipation
Topr = 25
°C300
mW
Topr
Operating ambient temperature
-20 to 85 / -40 to 85 (D version)
°C
Tstg
Storage temperature
-65 to 150
°C
Table 18.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC
Supply voltage
2.7
−
5.5
V
AVCC
Analog supply voltage
−
VCC
−
V
VSS
Supply voltage
−
0
−
V
AVSS
Analog supply voltage
−
0
−
V
VIH
Input “H” voltage
0.8VCC
−
VCC
V
VIL
Input “L” voltage
0
−
0.2VCC
V
IOH(sum)
Peak sum output
“H” current
Sum of all
pins IOH (peak)
−−
-60
mA
IOH(peak)
Peak output “H” current
−−
-10
mA
IOH(avg)
Average output “H” current
−−
-5
mA
IOL(sum)
Peak sum output
“L” currents
Sum of all
pins IOL (peak)
−−
60
mA
IOL(peak)
Peak output “L”
currents
Except P1_0 to P1_3
−−
10
mA
P1_0 to P1_3
Drive capacity HIGH
−−
30
mA
Drive capacity LOW
−−
10
mA
IOL(avg)
Average output
“L” current
Except P1_0 to P1_3
−−
5mA
P1_0 to P1_3
Drive capacity HIGH
−−
15
mA
Drive capacity LOW
−−
5mA
f(XIN)
Main clock input oscillation frequency
3.0 V
≤ VCC ≤ 5.5 V
0
−
20
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com