Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 214Page - Renesas Technology Corp R8C/19 Datasheet HTML 215Page - Renesas Technology Corp R8C/19 Datasheet HTML 216Page - Renesas Technology Corp R8C/19 Datasheet HTML 217Page - Renesas Technology Corp R8C/19 Datasheet HTML 218Page - Renesas Technology Corp R8C/19 Datasheet HTML 219Page - Renesas Technology Corp R8C/19 Datasheet HTML 220Page - Renesas Technology Corp R8C/19 Datasheet HTML 221Page - Renesas Technology Corp R8C/19 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 203 of 233
REJ09B0222-0130
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
If f1 exceeds 10 MHz, divided f1 and ensure the comparator conversion operating clock frequency (
φAD) is 10 MHz or below.
3.
If AVcc is less than 4.2 V, divided f1 and ensure the comparator conversion operating clock frequency (
φAD) is f1/2 or below.
Figure 18.1
Port P1, P3, and P4 Measurement Circuit
Table 18.3
Comparator Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
−−
1Bit
−
Absolute accuracy
φAD = 10 MHz(3)
−−
±20
mV
tconv
Conversion time
φAD = 10 MHz(3)
1
−−
µs
Vref
Reference voltage
0
−
AVCC
V
VIA
Analog input voltage
0
−
AVCC
V
−
Comparator conversion operating clock
frequency(2)
1
−
10
MHz
P1
P3
P4
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com