Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 220Page - Renesas Technology Corp R8C/19 Datasheet HTML 221Page - Renesas Technology Corp R8C/19 Datasheet HTML 222Page - Renesas Technology Corp R8C/19 Datasheet HTML 223Page - Renesas Technology Corp R8C/19 Datasheet HTML 224Page - Renesas Technology Corp R8C/19 Datasheet HTML 225Page - Renesas Technology Corp R8C/19 Datasheet HTML 226Page - Renesas Technology Corp R8C/19 Datasheet HTML 227Page - Renesas Technology Corp R8C/19 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 209 of 233
REJ09B0222-0130
NOTE:
1.
VCC = 4.2 to 5.5 V at Topr = -20 to 85
°C / -40 to 85 °C, f(XIN) = 20 MHz, unless otherwise specified.
Table 18.12
Electrical Characteristics (1) [VCC = 5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Except XOUT
IOH = -5 mA
VCC
− 2.0
−
VCC
V
IOH = -200
µAVCC − 0.3
−
VCC
V
XOUT
Drive capacity
HIGH
IOH = -1 mA
VCC
− 2.0
−
VCC
V
Drive capacity
LOW
IOH = -500
µAVCC − 2.0
−
VCC
V
VOL
Output “L” voltage
Except P1_0 to
P1_3, XOUT
IOL = 5 mA
−−
2.0
V
IOL = 200
µA
−−
0.45
V
P1_0 to P1_3
Drive capacity
HIGH
IOL = 15 mA
−−
2.0
V
Drive capacity
LOW
IOL = 5 mA
−−
2.0
V
Drive capacity
LOW
IOL = 200
µA
−−
0.45
V
XOUT
Drive capacity
HIGH
IOL = 1 mA
−−
2.0
V
Drive capacity
LOW
IOL = 500
µA
−−
2.0
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, KI0, KI1, KI2,
KI3, CNTR0,
CNTR1, TCIN,
RXD0
0.2
−
1.0
V
RESET
0.2
−
2.2
V
IIH
Input “H” current
VI = 5 V
−−
5.0
µA
IIL
Input “L” current
VI = 0 V
−−
-5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V
30
50
167
k
Ω
RfXIN
Feedback resistance
XIN
−
1.0
−
M
Ω
fRING-S
Low-speed on-chip oscillator frequency
40
125
250
kHz
VRAM
RAM hold voltage
During stop mode
2.0
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com