Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 222Page - Renesas Technology Corp R8C/19 Datasheet HTML 223Page - Renesas Technology Corp R8C/19 Datasheet HTML 224Page - Renesas Technology Corp R8C/19 Datasheet HTML 225Page - Renesas Technology Corp R8C/19 Datasheet HTML 226Page - Renesas Technology Corp R8C/19 Datasheet HTML 227Page - Renesas Technology Corp R8C/19 Datasheet HTML 228Page - Renesas Technology Corp R8C/19 Datasheet HTML 229Page - Renesas Technology Corp R8C/19 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 211 of 233
REJ09B0222-0130
Timing Requirements
(Unless Otherwise Specified: VCC = 5 V, VSS = 0 V at Ta = 25
°C) [VCC = 5 V]
Figure 18.4
XIN Input Timing Diagram when VCC = 5 V
Figure 18.5
CNTR0 Input, CNTR1 Input, INT1 Input Timing Diagram when VCC = 5 V
NOTES:
1.
When using timer C input capture mode, adjust the cycle time to (1/timer C count source frequency x 3) or above.
2.
When using timer C input capture mode, adjust the pulse width to (1/timer C count source frequency x 1.5) or above.
Figure 18.6
TCIN Input, INT3 Input Timing Diagram when VCC = 5 V
Table 18.14
XIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
50
−
ns
tWH(XIN)
XIN input “H” width
25
−
ns
tWL(XIN)
XIN input “L” width
25
−
ns
Table 18.15
CNTR0 Input, CNTR1 Input, INT1 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CNTR0)
CNTR0 input cycle time
100
−
ns
tWH(CNTR0)
CNTR0 input “H” width
40
−
ns
tWL(CNTR0)
CNTR0 input “L” width
40
−
ns
Table 18.16
TCIN Input, INT3 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TCIN)
TCIN input cycle time
400(1)
−
ns
tWH(TCIN)
TCIN input “H” width
200(2)
−
ns
tWL(TCIN)
TCIN input “L” width
200(2)
−
ns
tWH(XIN)
tc(XIN)
tWL(XIN)
XIN input
VCC = 5 V
tWH(CNTR0)
tc(CNTR0)
tWL(CNTR0)
CNTR0 input
VCC = 5 V
tWH(TCIN)
tc(TCIN)
tWL(TCIN)
TCIN input
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com