Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 127Page - Renesas Technology Corp H83065 Datasheet HTML 128Page - Renesas Technology Corp H83065 Datasheet HTML 129Page - Renesas Technology Corp H83065 Datasheet HTML 130Page - Renesas Technology Corp H83065 Datasheet HTML 131Page - Renesas Technology Corp H83065 Datasheet HTML 132Page - Renesas Technology Corp H83065 Datasheet HTML 133Page - Renesas Technology Corp H83065 Datasheet HTML 134Page - Renesas Technology Corp H83065 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 109 of 938
REJ09B0276-0400
Vector
Vector Address*
Interrupt Source
Origin
Number Advanced Mode
Normal Mode
IPR
Priority
ERI0
(receive error 0)
RXI0 (receive
data full 0)
TXI0 (transmit
data empty 0)
TEI0
(transmit end 0)
SCI
channel 0
52
53
54
55
H'00D0 to H'00D3
H'00D4 to H'00D7
H'00D8 to H'00DB
H'00DC to H'00DF
H'0068 to H'0069
H'006A to H'006B
H'006C to H'006D
H'006E to H'006F
IPRB3
High
ERI1
(receive error 1)
RXI1 (receive
data full 1)
TXI1 (transmit
data empty 1)
TEI1 (transmit
end 1)
SCI
channel 1
56
57
58
59
H'00E0 to H'00E3
H'00E4 to H'00E7
H'00E8 to H'00EB
H'00EC to H'00EF
H'0070 to H'0071
H'0072 to H'0073
H'0074 to H'0075
H'0076 to H'0077
IPRB2
ERI2
(receive error 2)
RXI2 (receive
data full 2)
TXI2 (transmit
data empty 2)
TEI2 (transmit
end 2)
SCI
channel 2
60
61
62
63
H'00F0 to H'00F3
H'00F4 to H'00F7
H'00F8 to H'00FB
H'00FC to H'00FF
H'0078 to H'0079
H'007A to H'007B
H'007C to H'007D
H'007E to H'007F
IPRB1
Low
Note: * Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com