Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 125Page - Renesas Technology Corp H83065 Datasheet HTML 126Page - Renesas Technology Corp H83065 Datasheet HTML 127Page - Renesas Technology Corp H83065 Datasheet HTML 128Page - Renesas Technology Corp H83065 Datasheet HTML 129Page - Renesas Technology Corp H83065 Datasheet HTML 130Page - Renesas Technology Corp H83065 Datasheet HTML 131Page - Renesas Technology Corp H83065 Datasheet HTML 132Page - Renesas Technology Corp H83065 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 107 of 938
REJ09B0276-0400
Table 5.3
Interrupt Sources, Vector Addresses, and Priority
Vector
Vector Address*
Interrupt Source
Origin
Number Advanced Mode
Normal Mode
IPR
Priority
NMI
External
7
H'001C to H'001F H'000E to H'000F
High
IRQ
0
pins
12
H'0030 to H'0033
H'0018 to H'0019
IPRA7
IRQ
1
13
H'0034 to H0037
H'001A to H'001B IPRA6
IRQ
2
IRQ
3
14
15
H'0038 to H'003B
H'003C to H'003F
H'001C to H'001D
H'001E to H'001F
IPRA5
IRQ
4
IRQ
5
16
17
H'0040 to H'0043
H'0044 to H'0047
H'0020 to H'0021
H'0022 to H'0023
IPRA4
Reserved
18
19
H'0048 to H'004B
H'004C to H'004F
H'0024 to H'0025
H'0026 to H'0027
WOVI
(interval timer)
Watchdog
timer
20
H'0050 to H'0053
H'0028 to H'0029
IPRA3
CMI
(compare match)
DRAM
interface
21
H'0054 to H'0057
H'002A to H'002B
Reserved
22
H'0058 to H'005B H'002C to H'002D
ADI (A/D end)
A/D
23
H'005C to H'005F H'002E to H'002F
IMIA0
(compare match/
input capture A0)
IMIB0
(compare match/
input capture B0)
OVI0 (overflow 0)
16-bit timer
channel 0
24
25
26
H'0060 to H'0063
H'0064 to H'0067
H'0068 to H'006B
H'0030 to H'0031
H'0032 to H'0033
H'0034 to H'0035
IPRA2
Reserved
27
H'006C to H'006F H'0036 to H'0037
IMIA1
(compare match/
inputcapture A1)
IMIB1
(compare match/
input capture B1)
OVI1 (overflow 1)
16-bit timer
channel 1
28
29
30
H'0070 to H'0073
H'0074 to H'0077
H'0078 to H'007B
H'0038 to H'0039
H'003A to H'003B
H'003C to H'003D
IPRA1
Reserved
31
H'007C to H'007F H'003E to H'003F
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com