Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 128Page - Renesas Technology Corp H83065 Datasheet HTML 129Page - Renesas Technology Corp H83065 Datasheet HTML 130Page - Renesas Technology Corp H83065 Datasheet HTML 131Page - Renesas Technology Corp H83065 Datasheet HTML 132Page - Renesas Technology Corp H83065 Datasheet HTML 133Page - Renesas Technology Corp H83065 Datasheet HTML 134Page - Renesas Technology Corp H83065 Datasheet HTML 135Page - Renesas Technology Corp H83065 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 110 of 938
REJ09B0276-0400
5.4
Interrupt Operation
5.4.1
Interrupt Handling Process
The H8/3067 Group handles interrupts differently depending on the setting of the UE bit. When
UE = 1, interrupts are controlled by the I bit. When UE = 0, interrupts are controlled by the I and
UI bits. Table 5.4 indicates how interrupts are handled for all setting combinations of the UE, I,
and UI bits.
NMI interrupts are always accepted except in the reset and hardware standby states*. IRQ
interrupts and interrupts from the on-chip supporting modules have their own enable bits. Interrupt
requests are ignored when the enable bits are cleared to 0.
Note:
In the flash memory and flash memory R versions, NMI input is sometimes disabled. For
details see 18.6.4, NMI Input Disable Conditions.
Table 5.4
UE, I, and UI Bit Settings and Interrupt Handling
SYSCR
CCR
UE
I
UI
Description
1
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
—
No interrupts are accepted except NMI.
0
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
0
NMI and interrupts with priority level 1 are accepted.
1
No interrupts are accepted except NMI.
UE = 1: Interrupts IRQ
0 to IRQ5 and interrupts from the on-chip supporting modules can all be
masked by the I bit in the CPU’s CCR. Interrupts are masked when the I bit is set to 1, and
unmasked when the I bit is cleared to 0. Interrupts with priority level 1 have higher priority. Figure
5.4 is a flowchart showing how interrupts are accepted when UE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com