Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 150Page - Renesas Technology Corp H83065 Datasheet HTML 151Page - Renesas Technology Corp H83065 Datasheet HTML 152Page - Renesas Technology Corp H83065 Datasheet HTML 153Page - Renesas Technology Corp H83065 Datasheet HTML 154Page - Renesas Technology Corp H83065 Datasheet HTML 155Page - Renesas Technology Corp H83065 Datasheet HTML 156Page - Renesas Technology Corp H83065 Datasheet HTML 157Page - Renesas Technology Corp H83065 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 132 of 938
REJ09B0276-0400
6.2.5
Bus Control Register (BCR)
BRSTS0
—
RDEA
WAITE
1
Initial value
1
0
0
0
1
1
0
Read/Write
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
76543210
ICIS1
ICIS0
BROME
BRSTS1
Bit
BCR is an 8-bit readable/writable register that enables or disables idle cycle insertion, selects the
area division unit, and enables or disables
WAIT pin input.
BCR is initialized to H'C6 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Idle Cycle Insertion 1 (ICIS1): Selects whether one idle cycle state is to be inserted
between bus cycles in case of consecutive external read cycles for different areas.
Bit 7
ICIS1
Description
0
No idle cycle inserted in case of consecutive external read cycles for different
areas
1
Idle cycle inserted in case of consecutive external read cycles for different
areas
(Initial value)
Bit 6—Idle Cycle Insertion 0 (ICIS0): Selects whether one idle cycle state is to be inserted
between bus cycles in case of consecutive external read and write cycles.
Bit 6
ICIS0
Description
0
No idle cycle inserted in case of consecutive external read and write cycles
1
Idle cycle inserted in case of consecutive external read and write cycles
(Initial value)
Bit 5—Burst ROM Enable (BROME): Selects whether area 0 is a burst ROM interface area.
Bit 5
BROME
Description
0
Area 0 is a basic bus interface area
(Initial value)
1
Area 0 is a burst ROM interface area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com