Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 151Page - Renesas Technology Corp H83065 Datasheet HTML 152Page - Renesas Technology Corp H83065 Datasheet HTML 153Page - Renesas Technology Corp H83065 Datasheet HTML 154Page - Renesas Technology Corp H83065 Datasheet HTML 155Page - Renesas Technology Corp H83065 Datasheet HTML 156Page - Renesas Technology Corp H83065 Datasheet HTML 157Page - Renesas Technology Corp H83065 Datasheet HTML 158Page - Renesas Technology Corp H83065 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 133 of 938
REJ09B0276-0400
Bit 4—Burst Cycle Select 1 (BRSTS1): Selects the number of burst cycle states for the burst
ROM interface.
Bit 4
BRSTS1
Description
0
Burst access cycle comprises 2 states
(Initial value)
1
Burst access cycle comprises 3 states
Bit 3—Burst Cycle Select 0 (BRSTS0): Selects the number of words that can be accessed in a
burst ROM interface burst access.
Bit 3
BRSTS0
Description
0
Max. 4 words in burst access (burst access on match of address bits above A3)(
1
Max. 8 words in burst access (burst access on match of address bits above A4)
Bit 2—Reserved: Read-only bit, always read as 1.
Bit 1—Area Division Unit Select (RDEA): Selects the memory map area division units. This bit
is valid in modes 3, 4, and 5, and is invalid in modes 1, 2, 6, and 7.
Bit 1
RDEA
Description
0
Area divisions are as follows:
Area 0: 2 MB
Area 4: 1.93 MB
Area 1: 2 MB
Area 5: 4 kB
Area 2: 8 MB
Area 6: 23.75 kB
Area 3: 2 MB
Area 7: 22 B
1
Areas 0 to 7 are the same size (2 MB)
(Initial value)
Bit 0—WAIT Pin Enable (WAITE): Enables or disables wait insertion by means of the
WAIT
pin.
Bit 0
WAITE
Description
0
WAIT pin wait input is disabled, and the WAIT pin can be used as an
input/output port
(Initial value)
1
WAIT pin wait input is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com