Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 154Page - Renesas Technology Corp H83065 Datasheet HTML 155Page - Renesas Technology Corp H83065 Datasheet HTML 156Page - Renesas Technology Corp H83065 Datasheet HTML 157Page - Renesas Technology Corp H83065 Datasheet HTML 158Page - Renesas Technology Corp H83065 Datasheet HTML 159Page - Renesas Technology Corp H83065 Datasheet HTML 160Page - Renesas Technology Corp H83065 Datasheet HTML 161Page - Renesas Technology Corp H83065 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 136 of 938
REJ09B0276-0400
When an arbitrary value has been set in DRAS2 to DRAS0, a write of a different value other than
000 must not be performed.
Bit 4—Reserved: This bit cannot be modified and is always read as 1.
Bit 3—Burst Access Enable (BE): Enables or disables burst access to DRAM space. DRAM
space burst access is performed in fast page mode.
Bit 3
BE
Description
0
Burst disabled (always full access)
(Initial value)
1
DRAM space access performed in fast page mode
Bit 2—RAS Down Mode (RDM): Selects whether to wait for the next DRAM access with the
RAS signal held low (RAS down mode), or to drive the RAS signal high again (RAS up mode),
when burst access is enabled for DRAM space (BE = 1), and access to DRAM is interrupted.
Caution is required when the
HWR and LWR are used as the UCAS and LCAS output pins. For
details, see RAS Down Mode and RAS Up Mode in section 6.5.10, Burst Operation.
Bit 2
RDM
Description
0
DRAM interface: RAS up mode selected
(Initial value)
1
DRAM interface: RAS down mode selected
Bit 1—Self-Refresh Mode (SRFMD): Specifies DRAM self-refreshing in software standby
mode.
When any of areas 2 to 5 is designated as DRAM space, DRAM self-refreshing is possible when a
transition is made to software standby mode after the SRFMD bit has been set to 1.
The normal access state is restored when software standby mode is exited, regardless of the
SRFMD setting.
Bit 1
SRFMD
Description
0
DRAM self-refreshing disabled in software standby mode
(Initial value)
1
DRAM self-refreshing enabled in software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com