Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 158Page - Renesas Technology Corp H83065 Datasheet HTML 159Page - Renesas Technology Corp H83065 Datasheet HTML 160Page - Renesas Technology Corp H83065 Datasheet HTML 161Page - Renesas Technology Corp H83065 Datasheet HTML 162Page - Renesas Technology Corp H83065 Datasheet HTML 163Page - Renesas Technology Corp H83065 Datasheet HTML 164Page - Renesas Technology Corp H83065 Datasheet HTML 165Page - Renesas Technology Corp H83065 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 140 of 938
REJ09B0276-0400
6.2.9
Refresh Timer Control/Status Register (RTMCSR)
CKS0
———
0
Initial value
0
0
0
0
1
1
1
Read/Write
R/W
——
—
R(W)*
R/W
R/W
R/W
76543210
CMF
CMIE
CKS2
CKS1
Bit
RTMCSR is an 8-bit readable/writable register that selects the refresh timer counter clock. When
the refresh timer is used as an interval timer, RTMCSR also enables or disables interrupt requests.
Bits 7 and 6 of RTMCSR are initialized to 0 by a reset and in the standby modes. Bits 5 to 3 are
initialized to 0 by a reset and in hardware standby mode; they are not initialized in software
standby mode.
Note:
Only 0 can be written to clear the flag.
Bit 7—Compare Match Flag (CMF): Status flag that indicates a match between the values of
RTCNT and RTCOR.
Bit 7
CMF
Description
0
Clearing conditions
When the chip is reset and in standby mode
Read CMF when CMF = 1, then write 0 in CMF
(Initial value)
1
Setting condition
When RTCNT = RTCOR
Bit 6—Compare Match Interrupt Enable (CMIE): Enables or disables the CMI interrupt
requested when the CMF flag is set to 1 in RTMCSR. The CMIE bit is always cleared to 0 when
any of areas 2 to 5 is designated as DRAM space.
Bit 6
CMIE
Description
0
The CMI interrupt requested by CMF is disabled
(Initial value)
1
The CMI interrupt requested by CMF is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com