Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 155Page - Renesas Technology Corp H83065 Datasheet HTML 156Page - Renesas Technology Corp H83065 Datasheet HTML 157Page - Renesas Technology Corp H83065 Datasheet HTML 158Page - Renesas Technology Corp H83065 Datasheet HTML 159Page - Renesas Technology Corp H83065 Datasheet HTML 160Page - Renesas Technology Corp H83065 Datasheet HTML 161Page - Renesas Technology Corp H83065 Datasheet HTML 162Page - Renesas Technology Corp H83065 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 137 of 938
REJ09B0276-0400
Bit 0—Refresh Pin Enable (RFSHE): Enables or disables
RFSH pin refresh signal output. If
areas 2 to 5 are not designated as DRAM space, this bit should not be set to 1.
Bit 0
RFSHE
Description
0
RFSH pin refresh signal output disabled
(Initial value)
(
RFSH pin can be used as input/output port)
1
RFSH pin refresh signal output enabled
6.2.8
DRAM Control Register B (DRCRB)
—
TPC
RCW
RLW
0
Initial value
0
0
0
1
0
0
0
Read/Write
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
MXC1
MXC0
CSEL
RCYCE
Bit
DRCRB is an 8-bit readable/writable register that selects the number of address multiplex column
address bits for the DRAM interface, the column address strobe output pin, enabling or disabling
of refresh cycle insertion, the number of precharge cycles, enabling or disabling of wait state
insertion between
RAS and CAS, and enabling or disabling of wait state insertion in refresh
cycles.
DRCRB is initialized to H'08 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
The settings in this register are invalid when bits DRAS2 to DRAS0 in DRCRA are all 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com