Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 157Page - Renesas Technology Corp H83065 Datasheet HTML 158Page - Renesas Technology Corp H83065 Datasheet HTML 159Page - Renesas Technology Corp H83065 Datasheet HTML 160Page - Renesas Technology Corp H83065 Datasheet HTML 161Page - Renesas Technology Corp H83065 Datasheet HTML 162Page - Renesas Technology Corp H83065 Datasheet HTML 163Page - Renesas Technology Corp H83065 Datasheet HTML 164Page - Renesas Technology Corp H83065 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 139 of 938
REJ09B0276-0400
Bit 4—Refresh Cycle Enable (RCYCE): Enables or disables CAS-before-RAS refresh cycle
insertion. When none of areas 2 to 5 has been designated as DRAM space, refresh cycles are not
inserted regardless of the setting of this bit.
Bit 4
RCYCE
Description
0
Refresh cycles disabled
(Initial value)
1
DRAM refresh cycles enabled
Bit 3—Reserved: This bit cannot be modified and is always read as 1.
Bit 2—TP Cycle Control (TPC): Selects whether a 1-state or two-state precharge cycle (TP) is to
be used for DRAM read/write cycles and CAS-before-RAS refresh cycles.
The setting of this bit does not affect the self-refresh function.
Bit 2
TPC
Description
0
1-state precharge cycle inserted
(Initial value)
1
2-state precharge cycle inserted
Bit 1—
RAS
RAS
RAS
RAS-CAS
CAS
CAS
CAS Wait (RCW): Controls wait state (Trw) insertion between T
r and Tc1 in DRAM
read/write cycles. The setting of this bit does not affect refresh cycles.
Bit 1
RCW
Description
0
Wait state (Trw) insertion disabled
(Initial value)
1
One wait state (Trw) inserted
Bit 0—Refresh Cycle Wait Control (RLW): Controls wait state (T
RW) insertion for CAS-before-
RAS refresh cycles. The setting of this bit does not affect DRAM read/write cycles.
Bit 0
RLW
Description
0
Wait state (T
RW) insertion disabled
(Initial value)
1
One wait state (T
RW) inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com