Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 327Page - Renesas Technology Corp SH7014 Datasheet HTML 328Page - Renesas Technology Corp SH7014 Datasheet HTML 329Page - Renesas Technology Corp SH7014 Datasheet HTML 330Page - Renesas Technology Corp SH7014 Datasheet HTML 331Page - Renesas Technology Corp SH7014 Datasheet HTML 332Page - Renesas Technology Corp SH7014 Datasheet HTML 333Page - Renesas Technology Corp SH7014 Datasheet HTML 334Page - Renesas Technology Corp SH7014 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 297 of 716
REJ09B0398-0500
11.2.4
Register Access
The watchdog timer's TCNT, TCSR, and RSTCSR registers differ from other registers in that they
are more difficult to write to. The procedures for writing and reading these registers are given
below.
Writing to the TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions.
The TCNT and TCSR both have the same write address. The write data must be contained in the
lower byte of the written word. The upper byte must be H'5A (for the TCNT) or H'A5 (for the
TCSR) (figure 11.2). This transfers the write data from the lower byte to the TCNT or TCSR.
H'5A
H'FFFF8610
Address:
Writing to the TCNT
15
8
7
0
Write data
H'A5
H'FFFF8610
Address:
Writing to the TCSR
15
8
7
0
Write data
Figure 11.2 Writing to the TCNT and TCSR
Writing to the RSTCSR: The RSTCSR must be written by a word access to address
H'FFFF8612. It cannot be written by byte transfer instructions.
Procedures for writing 0 in WOVF (bit 7) and for writing to RSTE (bit 6) are different, as shown
in figure 11.3.
To write 0 in the WOVF bit, the write data must be H'A5 in the upper byte and H'00 in the lower
byte. This clears the WOVF bit to 0. The RSTE bit is not affected. To write to the RSTE bit, the
upper byte must be H'5A and the lower byte must be the write data. The values of bit 6 of the
lower byte is transferred to the RSTE bit, respectively. The WOVF bit is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com