Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 127Page - Renesas Technology Corp R8C13 Datasheet HTML 128Page - Renesas Technology Corp R8C13 Datasheet HTML 129Page - Renesas Technology Corp R8C13 Datasheet HTML 130Page - Renesas Technology Corp R8C13 Datasheet HTML 131Page - Renesas Technology Corp R8C13 Datasheet HTML 132Page - Renesas Technology Corp R8C13 Datasheet HTML 133Page - Renesas Technology Corp R8C13 Datasheet HTML 134Page - Renesas Technology Corp R8C13 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 120 of 205
REJ09B0111-0120
R8C/13 Group
13.2 Clock Asynchronous Serial I/O (UART) Mode
Table 13.5 Registers to Be Used and Settings in UART Mode
Register
Bit
Function
UiTB
0 to 8
Set transmission data(1)
UiRB
0 to 8
Reception data can be read(1)
OER,FER,PER,SUM Error flag
UiBRG
0 to 7
Set a bit rate
UiMR
SMD2 to SMD0
Set these bits to ‘1002’ when transfer data is 7 bits long
Set these bits to ‘1012’ when transfer data is 8 bits long
Set these bits to ‘1102’ when transfer data is 9 bits long
CKDIR
Select the internal clock or external clock(2)
STPS
Select the stop bit
PRY, PRYE
Select whether parity is included and whether odd or even
UiC0
CLK0, CLK1
Select the count source for the UiBRG register
TXEPT
Transmit register empty flag
NCH
Select TxDi pin output mode
CKPOL
Set to “0”
UFORM
LSB first or MSB first can be selected when transfer data is 8 bits long. Set this
bit to “0” when transfer data is 7 or 9 bits long.
UiC1
TE
Set this bit to “1” to enable transmission
TI
Transmit buffer empty flag
RE
Set this bit to “1” to enable reception
RI
Reception complete flag
UCON
U0IRS, U1IRS
Select the source of UART0/UART1 transmit interrupt
U0RRM
Set to “0”
TXD1SEL
Select output pin for UART1 transfer data
TXD1EN
Select TxD10 or RxD1 to be used
NOTES:
1. The bits used for transmit/receive data are as follows: Bit 0 to bit 6 when transfer data is 7 bits long; bit 0
to bit 7 when transfer data is 8 bits long; bit 0 to bit 8 when transfer data is 9 bits long.
2. An external clock can be selected in UART0 only.
Table 13.6 lists the functions of the I/O pins during UART mode. Note that for a period from when the
UARTi operation mode is selected to when transfer starts, the TxDi pin outputs an “H”. (If the NCH bit is
set to “1”(N-channel open-drain output), this pin is in high-impedance state.)
Table 13.6 I/O Pin Functions
Pin name
Function
Method of selection
TxD0 (P14)
Serial data output
Serial data input
Programmable I/O port
Transfer clock input
Serial data output
(Cannot be used as a port when performing reception only)
RxD0 (P15)
CLK0 (P16)
U0MR register CKDIR bit=0
U0MR register CKDIR bit=1
PD1 register PD1_6 bit=0
PD1 register PD1_5 bit=0
(Can be used as an input port when performing transmission only)
TXD1EN=1
TXD1EN=0, PD3 register PD3_7 bit=0
Serial data output, TXD1SEL=1
Serial data output
Serial data input
TxD10/RxD1
(P37)
TxD11 (P00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com