Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 128Page - Renesas Technology Corp R8C13 Datasheet HTML 129Page - Renesas Technology Corp R8C13 Datasheet HTML 130Page - Renesas Technology Corp R8C13 Datasheet HTML 131Page - Renesas Technology Corp R8C13 Datasheet HTML 132Page - Renesas Technology Corp R8C13 Datasheet HTML 133Page - Renesas Technology Corp R8C13 Datasheet HTML 134Page - Renesas Technology Corp R8C13 Datasheet HTML 135Page - Renesas Technology Corp R8C13 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 121 of 205
REJ09B0111-0120
R8C/13 Group
13.2 Clock Asynchronous Serial I/O (UART) Mode
TxDi
Transfer clock
UiC1 register
TE bit
UiC1 register
TI bit
UiC0 register
TXEPT bit
SiTIC register
IR bit
Tc = 16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: frequency of UiBRG count source (f1SIO, f8SIO, f32SIO)
fEXT: frequency of UiBRG count source (external clock)
n: value set to UiBRG
i: 0, 1
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
The above timing diagram applies to the case where the register bits
are set as follows:
• UiMR register PRYE bit = 1 (parity enabled)
• UiMR register STPS bit = 0 (1 stop bit)
• UiIRS bit = 1 (an interrupt request occurs when transmit completed):
Set to “0” when interrupt request is accepted, or set by a program
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
PSP
D0 D1
ST
Tc
SP
Start
bit
Parity
bit
Stop
bit
Stopped pulsing
because the TE bit
= “0”
Write data to UiTB register
Transferred from UiTB register to UARTi transmit register
• Example of transmit timing when transfer data is 8 bits long (parity enabled, one stop bit)
• Example of transmit timing when transfer data is 9 bits long (parity disabled, two stop bits)
Figure 13.9 Transmit Operation
TxDi
Transfer clock
UiC1 register
TE bit
UiC1 register
TI bit
UiC0 register
TXEPT bit
SiRIC register
IR bit
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
The above timing diagram applies to the case where the register
bits are set as follows:
• UiMR register PRYE bit = 0 (parity disabled)
• UiMR register STPS bit = 1 (2 stop bits)
• UiIRS bit = 0 (an interrupt request occurs when transmit buffer
becomes empty)
Tc
D0 D1 D2 D3
D4 D5
D6 D7
ST
D8
D0 D1 D2 D3
D4 D5 D6
D7
ST
D8
D0 D1
ST
SPSP
SP
SP
Write data to UiTB register
Transferred from UiTB register to UARTi
transmit register
Set to “0” when interrupt request is accepted, or set by a program
Stop
bit
Stop
bit
Start
bit
Tc = 16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: frequency of UiBRG count source (f1SIO, f8SIO, f32SIO)
fEXT: frequency of UiBRG count source (external clock)
n: value set to UiBRG
i: 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com