Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 133Page - Renesas Technology Corp R8C13 Datasheet HTML 134Page - Renesas Technology Corp R8C13 Datasheet HTML 135Page - Renesas Technology Corp R8C13 Datasheet HTML 136Page - Renesas Technology Corp R8C13 Datasheet HTML 137Page - Renesas Technology Corp R8C13 Datasheet HTML 138Page - Renesas Technology Corp R8C13 Datasheet HTML 139Page - Renesas Technology Corp R8C13 Datasheet HTML 140Page - Renesas Technology Corp R8C13 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 126 of 205
REJ09B0111-0120
R8C/13 Group
AD control register 0
SymbolAddressAfter reset
ADCON000D616
00000XXX2
b7 b6 b5 b4 b3 b2 b1 b0
Analog input pin select bit
See Note 4.
CH0
Bit symbol
Bit name
Function
CH1
CH2
AD operation mode select
bit(2)
0 : One-shot mode
1 : Repeat mode
MD
ADST
A/D conversion start flag
0 : A/D conversion disabled
1 : A/D conversion started
Frequency select bit 0(3)
0 : fAD/4 is selected
1 : fAD/2 is selected
CKS0
RW
NOTES:
1. If the ADCON register is rewritten during A/D conversion, the conversion result is indeterminate.
2. When changing A/D operation mode, set analog input pin again.
3. This bit is valid when the CKS1 bit in the ADCON1 register is set to “0”.
4. The analog input pin can be selected by a combination of the CH2 to CH0 bits and ADGSEL0 bit as follows:
0
0: Port P0 group selected (AN0 to AN7)
1: Port P1 group selected (AN8 to AN11)
AD input group select bit(4)
RW
RW
RW
RW
RW
RW
RW
RW
ADGSEL0
Set to “0”
Reserved bit
(b5)
AD control register 1
Symbol
AddressAfter reset
ADCON100D716
0016
Bit nameFunction
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
NOTES:
1. If the ADCON1 register is rewritten during A/D conversion, the conversion result is indeterminate.
2. In repeat mode, the BITS bit must be set to “0” (8-bit mode).
3. The
φAD frequency must be 10 MHz or less.
4. If the VCUT bit is reset from “0” (Vref unconnected) to “1” (Vref connected), wait for 1 µs or more before starting A/D
conversion.
BITS
8/10-bit mode select
bit(2)
0 : 8-bit mode
1 : 10-bit mode
VCUT
Vref connect bit(4)
0 : Vref not connected
1 : Vref connected
Frequency select
bit 1(3)
CKS1
0
0
0
0
0
Set to “0”
Reserved bit
(b2-b0)
RW
RW
RW
RW
RW
RW
Set to “0”
Reserved bit
(b6-b7)
0 : CKS0 bit in ADCON0 register is valid
1 : fAD is selected
CH2 to CH0ADGSEL0=0ADGSEL0=1
0002
0012
0102
0112
1002
1012
1102
1112
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN8
AN9
AN10
AN11
Avoid these
settings
(1)
(1)
Figure 14.2 ADCON0 Register and ADCON1 Register
14. A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com