Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 137Page - Renesas Technology Corp R8C13 Datasheet HTML 138Page - Renesas Technology Corp R8C13 Datasheet HTML 139Page - Renesas Technology Corp R8C13 Datasheet HTML 140Page - Renesas Technology Corp R8C13 Datasheet HTML 141Page - Renesas Technology Corp R8C13 Datasheet HTML 142Page - Renesas Technology Corp R8C13 Datasheet HTML 143Page - Renesas Technology Corp R8C13 Datasheet HTML 144Page - Renesas Technology Corp R8C13 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 130 of 205
REJ09B0111-0120
R8C/13 Group
14.2 Repeat Mode
In repeat mode, the input voltage on one selected pin is A/D converted repeatedly. Table 14.3 lists the
specifications of repeat mode. Figure 14.5 shows the ADCON0 and ADCON1 registers in repeat
mode.
Item
Specification
Function
Input voltage on one pin selected by CH2 to CH0 and ADGSEL0 bits is A/D
converted repeatedly
Start condition
Set ADST bit to “1”
Stop condition
Set ADST bit to “0”
Interrupt request generation timing
None generated
Input pin
One of AN0 to AN11, as selected
Reading of result of A/D converter
Read AD register
Table 14.3 Repeat Mode Specifications
14.2 Repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com