Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 334Page - Renesas Technology Corp SH7713 Datasheet HTML 335Page - Renesas Technology Corp SH7713 Datasheet HTML 336Page - Renesas Technology Corp SH7713 Datasheet HTML 337Page - Renesas Technology Corp SH7713 Datasheet HTML 338Page - Renesas Technology Corp SH7713 Datasheet HTML 339Page - Renesas Technology Corp SH7713 Datasheet HTML 340Page - Renesas Technology Corp SH7713 Datasheet HTML 341Page - Renesas Technology Corp SH7713 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 904 page
background image
Section 10 Power-Down Modes
Rev.1.50 Aug. 30, 2006 Page 298 of 860
REJ09B0288-0150
10.1.3
Input/Output Pins
Table 10.2 lists the pins used for the power-down modes.
Table 10.2
Pin Configuration
Pin Name
Symbol
I/O
Description
Processing state 1
STATUS1
Processing state 0
STATUS0
O
Indicates the operating state of the processor.
HH: Reset
HL: Sleep mode
LH: Standby mode
LL: Normal operation
Power-on reset
RESETP
I
Inputting low level signal to this pin cause a transition
to power-on reset processing.
Manual reset
RESETM
I
Inputting low level signal to this pin cause a transition
to manual reset processing.
Note:
H and L indicate high and low levels, respectively. The STATUS1 and STATUS0 pins
indicate the pin status in this order.
10.2
Register Descriptions
The following registers are used for the power-down modes. Refer to section 23, List of Registers,
for the addresses and access size for these registers.
• Standby control register (STBCR)
• Standby control register 2 (STBCR2)
• Standby control register 3 (STBCR3)
10.2.1
Standby Control Register (STBCR)
STBCR is an 8-bit readable/writable register that specifies the state of the power-down mode. This
register is initialized to H
′00 at power-on reset but retains the previous value after manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com