Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 350Page - Renesas Technology Corp SH7713 Datasheet HTML 351Page - Renesas Technology Corp SH7713 Datasheet HTML 352Page - Renesas Technology Corp SH7713 Datasheet HTML 353Page - Renesas Technology Corp SH7713 Datasheet HTML 354Page - Renesas Technology Corp SH7713 Datasheet HTML 355Page - Renesas Technology Corp SH7713 Datasheet HTML 356Page - Renesas Technology Corp SH7713 Datasheet HTML 357Page - Renesas Technology Corp SH7713 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 314 of 860
REJ09B0288-0150
The clock pulse generator blocks function as follows:
1. PLL Circuit 1: PLL circuit 1 doubles, triples, or leaves unchanged the input clock frequency
from the CKIO terminal. The multiplication rate is set by the frequency control register. When
this is done, the phase of the rising edge of the internal clock is controlled so that it will
synchronize with the phase of the rising edge of the CKIO pin.
2. PLL Circuit 2: PLL circuit 2 doubles, quadruples, or leaves unchanged the input clock
frequency from the crystal oscillator or EXTAL pin. The multiplication ratio is fixed by the
clock operating modes. The clock operating modes is set by pins MD0, MD1, and MD2. See
table 11.2 for more information on clock operating modes.
3. Crystal Oscillator: This oscillator is used when a crystal resonator is connected to the XTAL
and EXTAL pins. This crystal oscillator operates according to the clock operating mode
setting.
4. Divider 1: Divider 1 generates a clock at the operating frequency used by the internal or
peripheral clock. The operating frequency of the internal clock (I
φ) can be 1, 1/2, or 1/3 times
the output frequency of PLL circuit 1, as long as it stays at or above the clock frequency of the
CKIO pin. The operating frequency of the peripheral clock (P
φ) can be 1/2, 1/3, 1/4, or 1/6
times the output frequency of PLL circuit 1 within 8.34 MHz
≤ Pφ ≤ 33.34 MHz. The division
ratio is set in the frequency control register.
5. Clock Frequency Control Circuit: The clock frequency control circuit controls the clock
frequency using the MD pins and the frequency control register.
6. Standby Control Circuit: The standby control circuit controls the state of the on-chip oscillator
and other modules during clock switching or in sleep or standby mode.
7. Frequency Control Register: The frequency control register has control bits assigned for the
following functions: clock output/non-output from the CKIO pin, the frequency multiplication
ratio of PLL circuit 1, and the frequency division ratio of the internal clock and the peripheral
clock.
8. Standby Control Register: The standby control register has bits for controlling the power-down
modes. See section 10, Power-Down Modes, for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com