Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 352Page - Renesas Technology Corp SH7713 Datasheet HTML 353Page - Renesas Technology Corp SH7713 Datasheet HTML 354Page - Renesas Technology Corp SH7713 Datasheet HTML 355Page - Renesas Technology Corp SH7713 Datasheet HTML 356Page - Renesas Technology Corp SH7713 Datasheet HTML 357Page - Renesas Technology Corp SH7713 Datasheet HTML 358Page - Renesas Technology Corp SH7713 Datasheet HTML 359Page - Renesas Technology Corp SH7713 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 316 of 860
REJ09B0288-0150
Pin Values
Clock I/O
Mode
MD2
MD1
MD0
Source
Output
PLL2
On/Off
PLL1
On/Off
CKIO
Frequency
5
1
0
1
EXTAL
CKIO
CKIO2
ON
(x 2)
ON
(x 1, 2, 3)
(EXTAL) x 2
6
1
1
0
Crystal
resonator
CKIO
CKIO2
ON
(x 2)
ON
(x 1, 2, 3)
(Crystal) x 2
7
1
1
1
CKIO
OFF
ON
(x 1, 2, 3)
(CKIO)
Mode 0: An external clock is input from the EXTAL pin and undergoes waveform shaping by PLL
circuit 2 before being supplied inside this LSI. An input clock frequency of 33.3 MHz to
66.67 MHz can be used, and the CKIO frequency range is 33.3 MHz to 66.67 MHz.
Mode 1: An external clock is input from the EXTAL pin and its frequency is multiplied by 4 by PLL
circuit 2 before being supplied inside this LSI, allowing a low-frequency external clock to
be used. An input clock frequency of 10.00 MHz to 16.67 MHz can be used, and the
CKIO frequency range is 40.00 MHz to 66.67 MHz.
Mode 2: The on-chip crystal oscillator operates, with the oscillation frequency being multiplied by 4
by PLL circuit 2 before being supplied inside this LSI, allowing a low-frequency external
clock to be used. A crystal oscillation frequency of 10.00 MHz to 16.67 MHz can be used,
and the CKIO frequency range is 40.00 MHz to 66.67 MHz.
Mode 4: The on-chip crystal oscillator operates and undergoes waveform shaping by PLL circuit 2
before being supplied inside this LSI. A crystal oscillation frequency of 33.34 MHz to
48.00 MHz can be used, and the CKIO frequency range is 33.34 MHz to 48.00 MHz.
Mode 5: An external clock is input from the EXTAL pin and its frequency is multiplied by 2 by PLL
circuit 2 before being supplied inside this LSI, allowing a low-frequency external clock to
be used. An input clock frequency of 16.67 MHz to 33.34 MHz can be used, and the
CKIO frequency range is 33.34 MHz to 66.67 MHz.
Mode 6: The on-chip crystal oscillator operates, with the oscillation frequency being multiplied by 2
by PLL circuit 2 before being supplied inside this LSI, allowing a low-frequency clock to
be used. A crystal oscillation frequency of 10.00 MHz to 16.67 MHz can be used, and the
CKIO frequency range is 40.00 MHz to 66.67 MHz
Mode 7: In this mode, the CKIO pin is an input, an external clock is input to this pin, and
undergoes waveform shaping and also frequency multiplication according to the setting,
by PLL circuit 1 before being supplied to this LSI. As PLL circuit 1 compensates for
fluctuations in the CKIO pin load, this mode is suitable for connection of synchronous
DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com