Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 369Page - Renesas Technology Corp SH7713 Datasheet HTML 370Page - Renesas Technology Corp SH7713 Datasheet HTML 371Page - Renesas Technology Corp SH7713 Datasheet HTML 372Page - Renesas Technology Corp SH7713 Datasheet HTML 373Page - Renesas Technology Corp SH7713 Datasheet HTML 374Page - Renesas Technology Corp SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp SH7713 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 333 of 860
REJ09B0288-0150
CMNCR
CS0WCR
CS6BWCR
CS0BCR
CS6BBCR
SDCR
RTCSR
RTCNT
RTCOR
Comparator
Bus
mastership
controller
Wait
controller
Area
controller
Internal master
module
Internal slave
module
Memory
controller
Refresh
controller
Interrupt
controller
[Legend]
BSC
CS0, CS2, CS3,
CS4, CS5A, CS5B,
CS6A, CS6B
WAIT
MD5 to MD3
IOIS16
A25 to A0,
D31 to D0
REFOUT
BACK
BREQ
BS, RD/WR, RD,
WE3(BE3) to WE0(BE0),
RAS, CAS,
CKE, DQMxx,
CE2A, CE2B
CMNCR:
CSnWCR:
CSnBCR:
SDCR:
RTCSR:
RTCNT:
RTCOR:
Common control register
CSn space wait control register (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
CSn space bus control register (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
SDRAM control register
Refresh timer control/status register
Refresh timer counter
Refresh time constant register
Figure 12.1 Block Diagram of BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com