Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 372Page - Renesas Technology Corp SH7713 Datasheet HTML 373Page - Renesas Technology Corp SH7713 Datasheet HTML 374Page - Renesas Technology Corp SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp SH7713 Datasheet HTML 377Page - Renesas Technology Corp SH7713 Datasheet HTML 378Page - Renesas Technology Corp SH7713 Datasheet HTML 379Page - Renesas Technology Corp SH7713 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 336 of 860
REJ09B0288-0150
12.3
Area Overview
12.3.1
Area Division
In the architecture of this LSI, both logical spaces and physical spaces have 32-bit address spaces.
The upper three bits divide into the P0 to P4 areas, and specify the cache access method. For
details see section 6, Cache. The remaining 29 bits are used for division of the space into ten areas
(address map 1) or eight areas (address map 2) according to the MAP bit in CMNCR setting. The
BSC performs control for this 29-bit space.
As listed in tables 12.2 and 12.3, this LSI can be connected directly to eight areas of memory, and
it outputs chip select signals (
CS0, CS2 to CS4, CS5A, CS5B, CS6A, and CS6B) for each of them.
CS0 is asserted during area 0 access; CS5A is asserted during area 5A access when address map 1
is selected; and
CS5B is asserted when address map 2 is selected.
12.3.2
Shadow Area
Areas 0, 2 to 4, 5A, 5B, 6A, and 6B are decoded by physical addresses A28 to A25, which
correspond to areas 000 to 111. Address bits 31 to 29 are ignored. This means that the range of
area 0 addresses, for example, is H'00000000 to H'03FFFFFF, and its corresponding shadow space
is the address space in P1 to P3 areas obtained by adding to it H'20000000
× n (n = 1 to 6).
The address range for area 7 is H'1C000000 to H'1FFFFFFF. The address space H'1C000000 +
H'20000000
× n to H'1FFFFFFF + H'20000000 × n (n = 0 to 6) corresponding to the area 7
shadow space is reserved, so do not use it.
Area P4 (H'E0000000 to H'EFFFFFFF) is an I/O area and is assigned for internal register
addresses. Therefore, area P4 does not become shadow space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com