Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 371Page - Renesas Technology Corp SH7713 Datasheet HTML 372Page - Renesas Technology Corp SH7713 Datasheet HTML 373Page - Renesas Technology Corp SH7713 Datasheet HTML 374Page - Renesas Technology Corp SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp SH7713 Datasheet HTML 377Page - Renesas Technology Corp SH7713 Datasheet HTML 378Page - Renesas Technology Corp SH7713 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 335 of 860
REJ09B0288-0150
Name
I/O
Function
WE3(BE3)/ICIOWR O
Indicates that D31 to D24 are being written to.
Connected to the byte select signal when a byte-selection SRAM is
connected.
Functions as the I/O write strobe signal when the PCMCIA is used.
WE2(BE2)/ICIORD O
Indicates that D23 to D16 are being written to.
Connected to the byte select signal when a byte-selection SRAM is
connected.
Functions as the I/O read strobe signal when the PCMCIA is used.
WE1(BE1)/WE
O
Indicates that D15 to D8 are being written to.
Connected to the byte select signal when a byte-selection SRAM is
connected.
Functions as the memory write strobe signal when the PCMCIA is
used.
WE0(BE0)
O
Indicates that D7 to D0 are being written to.
Connected to the byte select signal when a byte-selection SRAM is
connected.
RAS
O
Connects to
RAS pin when SDRAM is connected.
CAS
O
Connects to
CAS pin when SDRAM is connected.
CKE
O
Connects to CKE pin when SDRAM is connected.
IOIS16
I
PCMCIA 16-bit I/O signal
Valid only in little endian mode.
Make it into low level at the time of big endian mode.
DQMUU
DQMUL
DQMLU
DQMLL
O
Connected to the DQMxx when the SDRAM is connected.
DQMUU: Selects D31 to D24
DQMUL: Selects D23 to D16
DQMLU: Selects D15 to D8
DQMLL: Selects D7 to D0
WAIT
I
External wait input
BREQ
I
Bus request input
BACK
O
Bus acknowledge output
MD5 to MD3
I
MD5: Selects data alignment (big endian or little endian)
MD4 and MD3: Specify area 0 bus width (8/16/32 bits)
REFOUT
O
Refresh request output when a bus is released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com