Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 374Page - Renesas Technology Corp SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp SH7713 Datasheet HTML 377Page - Renesas Technology Corp SH7713 Datasheet HTML 378Page - Renesas Technology Corp SH7713 Datasheet HTML 379Page - Renesas Technology Corp SH7713 Datasheet HTML 380Page - Renesas Technology Corp SH7713 Datasheet HTML 381Page - Renesas Technology Corp SH7713 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 338 of 860
REJ09B0288-0150
12.3.3
Address Map
The external address space has a capacity of 384 Mbytes and is used by dividing 8 partial spaces
(address map 1) or 6 partial spaces (address map 2). The kind of memory to be connected and the
data bus width are specified in each partial space. The address map for the external address space
is listed below.
Table 12.2
Address Space Map 1 (CMNCR.MAP = 0)
Physical Address
Area
Memory to be Connected
Capacity
H
′00000000 to H′03FFFFFF
Area 0
Normal memory*
3
Burst ROM (Asynchronous)
Burst ROM (Synchronous)
64 Mbytes
H
′04000000 to H′07FFFFFF
Area 1
Internal I/O register area*
2
64 Mbytes
H
′08000000 to H′0BFFFFFF
Area 2
Normal memory*
3
Byte-selection SRAM
SDRAM
64 Mbytes
H
′0C000000 to H′0FFFFFFF
Area 3
Normal memory*
3
Byte-selection SRAM
SDRAM
64 Mbytes
H
′10000000 to H′13FFFFFF
Area 4
Normal memory*
3
Byte-selection SRAM
Burst ROM (Asynchronous)
64 Mbytes
H
′14000000 to H′15FFFFFF
Area 5A
Normal memory*
3
32 Mbytes
H
′16000000 to H′17FFFFFF
Area 5B
Normal memory*
3
Byte-selection SRAM
32 Mbytes
H
′18000000 to H′19FFFFFF
Area 6A
Normal memory*
3
32 Mbytes
H
′1A000000 to H′1BFFFFFF
Area 6B
Normal memory*
3
Byte-selection SRAM
32 Mbytes
H
′1C000000 to H′1FFFFFFF
Area 7
Reserved area*
1
64 Mbytes
Notes: 1. Do not access the reserved area. If the reserved area is accessed, the correct
operation cannot be guaranteed.
2. Set the top three bits of the address to 101 to allocate in the P2 space.
3. Memory that has an interface such as SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com