Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 377Page - Renesas Technology Corp SH7713 Datasheet HTML 378Page - Renesas Technology Corp SH7713 Datasheet HTML 379Page - Renesas Technology Corp SH7713 Datasheet HTML 380Page - Renesas Technology Corp SH7713 Datasheet HTML 381Page - Renesas Technology Corp SH7713 Datasheet HTML 382Page - Renesas Technology Corp SH7713 Datasheet HTML 383Page - Renesas Technology Corp SH7713 Datasheet HTML 384Page - Renesas Technology Corp SH7713 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 341 of 860
REJ09B0288-0150
12.4
Register Descriptions
The BSC has the following registers. Refer to section 23, List of Registers, for the addresses and
access size for these registers.
Do not access spaces other than CS0 until the termination of the setting the memory interface.
• Common control register (CMNCR)
• Bus control register for area 0 (CS0BCR)
• Bus control register for area 2 (CS2BCR)
• Bus control register for area 3 (CS3BCR)
• Bus control register for area 4 (CS4BCR)
• Bus control register for area 5A (CS5ABCR)
• Bus control register for area 5B (CS5BBCR)
• Bus control register for area 6A (CS6ABCR)
• Bus control register for area 6B (CS6BBCR)
• Wait control register for area 0 (CS0WCR)
• Wait control register for area 2 (CS2WCR)
• Wait control register for area 3 (CS3WCR)
• Wait control register for area 4 (CS4WCR)
• Wait control register for area 5A (CS5AWCR)
• Wait control register for area 5B (CS5BWCR)
• Wait control register for area 6A (CS6AWCR)
• Wait control register for area 6B (CS6BWCR)
• SDRAM control register (SDCR)
• Refresh timer control/status register (RTCSR)*1
• Refresh timer counter (RTCNT)*1
• Refresh time constant register (RTCOR)*1
• SDRAM mode register for area 2 (SDMR2)*2
• SDRAM mode register for area 3 (SDMR3)*2
Notes: 1. This register only accepts 32-bit writing to prevent incorrect writing. In this case, the
upper 16 bits of the data must be H'A55A. Otherwise, writing cannot be performed. In
reading, the upper 16 bits are read as H'0000.
2. The contents of this register are stored in SDRAM. When this register space is
accessed, the corresponding register in SDRAM is written to. For details, see
description of Power-on Sequence in section 12.5.5, SDRAM Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com