Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 379Page - Renesas Technology Corp SH7713 Datasheet HTML 380Page - Renesas Technology Corp SH7713 Datasheet HTML 381Page - Renesas Technology Corp SH7713 Datasheet HTML 382Page - Renesas Technology Corp SH7713 Datasheet HTML 383Page - Renesas Technology Corp SH7713 Datasheet HTML 384Page - Renesas Technology Corp SH7713 Datasheet HTML 385Page - Renesas Technology Corp SH7713 Datasheet HTML 386Page - Renesas Technology Corp SH7713 Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 343 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
10
9
DPRTY1
DPRTY0
0
0
R/W
R/W
DMA Burst Transfer Priority
Specify the priority for a refresh request/bus mastership
request during DMA burst transfer.
00: Accepts a refresh request and bus mastership request
during DMA burst transfer
01: Accepts a refresh request but does not accept a bus
mastership request during DMA burst transfer
10: Accepts neither a refresh request nor a bus mastership
request during DMA burst transfer
11: Reserved (Setting prohibited)
8
7
6
DMAIW2
DMAIW1
DMAIW0
0
0
0
R/W
R/W
R/W
Wait States between Access Cycles when DMA Single
Address is Transferred
Specify the number of idle cycles to be inserted after an
access to an external device with DACK when DMA single
address transfer is performed. The method of inserting idle
cycles depends on the contents of DMAIWA.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycled inserted
100: 6 idle cycled inserted
101: 8 idle cycle inserted
110: 10 idle cycles inserted
111: 12 idle cycled inserted
5
DMAIWA
0
R/W
Method of Inserting Wait States between Access Cycles
when DMA Single Address is Transferred
Specifies the method of inserting the idle cycles specified
by the DMAIW1 and DMAIW0 bits. Clearing this bit will
make this LSI insert the idle cycles when another device,
which includes this LSI, drives the data bus after an
external device with DACK drove it. When the external
device with DACK drives the data bus continuously, idle
cycles are not inserted. Setting this bit will make this LSI
insert the idle cycles even when the continuous accesses
to an external device with DACK are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com