Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp SH7713 Datasheet HTML 377Page - Renesas Technology Corp SH7713 Datasheet HTML 378Page - Renesas Technology Corp SH7713 Datasheet HTML 379Page - Renesas Technology Corp SH7713 Datasheet HTML 380Page - Renesas Technology Corp SH7713 Datasheet HTML 381Page - Renesas Technology Corp SH7713 Datasheet HTML 382Page - Renesas Technology Corp SH7713 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 339 of 860
REJ09B0288-0150
Table 12.3
Address Space Map 2 (CMNCR.MAP = 1)
Physical Address
Area
Memory to be Connected
Capacity
H
′00000000 to H′03FFFFFF
Area 0
Normal memory*
4
Burst ROM (Asynchronous)
Burst ROM (Synchronous)
64 Mbytes
H
′04000000 to H′07FFFFFF
Area 1
Internal I/O register area*
3
64 Mbytes
H
′08000000 to H′0BFFFFFF
Area 2
Normal memory*
4
Byte-selection SRAM
SDRAM
64 Mbytes
H
′0C000000 to H′0FFFFFFF
Area 3
Normal memory*
4
Byte-selection SRAM
SDRAM
64 Mbytes
H
′10000000 to H′13FFFFFF
Area 4
Normal memory*
4
Byte-selection SRAM
Burst ROM (Asynchronous)
64 Mbytes
H
′14000000 to H′17FFFFFF
Area 5*
2
Normal memory*
4
Byte-selection SRAM
PCMCIA
64 Mbytes
H
′18000000 to H′1BFFFFFF
Area 6*
2
Normal memory*
4
Byte-selection SRAM
PCMCIA
64 Mbytes
H
′1C000000 to H′1FFFFFFF
Area 7
Reserved area*
1
64 Mbytes
Notes: 1. Do not access the reserved area. If the reserved area is accessed, the correct
operation cannot be guaranteed.
2. For area 5, CS5BBCR and CS5BWCR are valid.
For area 6, CS6BBCR and CS6BWCR are valid.
3. Set the top three bits of the address to 101 to allocate in the P2 space.
4. Memory that has an interface such as SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com