Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 380Page - Renesas Technology Corp SH7713 Datasheet HTML 381Page - Renesas Technology Corp SH7713 Datasheet HTML 382Page - Renesas Technology Corp SH7713 Datasheet HTML 383Page - Renesas Technology Corp SH7713 Datasheet HTML 384Page - Renesas Technology Corp SH7713 Datasheet HTML 385Page - Renesas Technology Corp SH7713 Datasheet HTML 386Page - Renesas Technology Corp SH7713 Datasheet HTML 387Page - Renesas Technology Corp SH7713 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 344 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4
1
R
Reserved
This bit is always read as 1. The write value should always
be 1.
3
ENDIAN
0/1*
R
Endian Flag
Samples the external pin for specifying endian on power-on
reset (MD5). All address spaces are defined by this bit.
This is a read-only bit.
0: The external pin for specifying endian (MD5) was low
level on power-on reset. This LSI is being operated as
big endian.
1: The external pin for specifying endian (MD5) was high
level on power-on reset. This LSI is being operated as
little endian.
2
CK2DRV
0
R/W
CKIO2 Drive
Specifies whether the CKIO2 pin outputs a low level signal
or clock (B
φ).
0: Outputs a low level signal
1: Outputs a clock (B
φ)
1
HIZMEM
0
R/W
High-Z Memory Control
Specifies the pin state in standby mode for A25 to A0,
BS,
CSn, RD/WR, WEn (BEn)/DQMxx, and RD. When a bus is
released, these pins enter the high-impedance state
regardless of the setting of this bit.
0: High impedance in standby mode
1: Driven in standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com