Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 368Page - Renesas Technology Corp SH7713 Datasheet HTML 369Page - Renesas Technology Corp SH7713 Datasheet HTML 370Page - Renesas Technology Corp SH7713 Datasheet HTML 371Page - Renesas Technology Corp SH7713 Datasheet HTML 372Page - Renesas Technology Corp SH7713 Datasheet HTML 373Page - Renesas Technology Corp SH7713 Datasheet HTML 374Page - Renesas Technology Corp SH7713 Datasheet HTML 375Page - Renesas Technology Corp SH7713 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 332 of 860
REJ09B0288-0150
5. Byte-selection SRAM interface
• Can connect directly to a byte-selection SRAM.
6. PCMCIA direct interface
• Supports IC memory cards and I/O card interfaces defined in the JEIDA specifications Ver 4.2
(PCMCIA2.1 Rev 2.1).
• Controls the insertion of the wait state using software.
• Supports the bus sizing function of the I/O bus width (only in little endian mode).
7. Burst ROM (clock synchronous) interface
• Can connect directly to a burst ROM of the clock synchronous type.
8. Bus arbitration
• Shares all of the resources with other CPU and outputs the bus enable after receiving the bus
request from external devices.
9. Refresh function
• Supports the auto-refresh and self-refresh functions.
• Specifies the refresh interval using the refresh counter and clock selection.
• Can execute concentrated refresh by specifying the refresh counts (1, 2, 4, 6, or 8).
10. Interval timer using refresh counter
• Generates an interrupt request by a compare match.
The block diagram of the BSC is shown in figure 12.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com