Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 542Page - Renesas Technology Corp SH7713 Datasheet HTML 543Page - Renesas Technology Corp SH7713 Datasheet HTML 544Page - Renesas Technology Corp SH7713 Datasheet HTML 545Page - Renesas Technology Corp SH7713 Datasheet HTML 546Page - Renesas Technology Corp SH7713 Datasheet HTML 547Page - Renesas Technology Corp SH7713 Datasheet HTML 548Page - Renesas Technology Corp SH7713 Datasheet HTML 549Page - Renesas Technology Corp SH7713 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 506 of 860
REJ09B0288-0150
Carry
detection
circuit
Bus
interface
RHRCNT
RTC
R64CNT:
RSECCNT:
RMINCNT:
RHRCNT:
RWKCNT:
RDAYCNT:
RMONCNT:
RYRCNT:
RSECAR:
64-Hz counter
Second counter
Minute counter
Hour counter
Day of the week counter
Date counter
Month counter
Year counter
Second alarm register
RMINCNT
Interrupt
control
circuit
RDAYCNT
RYRCNT
RMONCNT
Oscillator
circuit
EXTAL2
RCR2
RCR3
XTAL2
RWKCNT
RHRAR
RMINAR
RDAYAR
RWKAR
Externally
connected
circuit
Prescaler
(
÷ 2)
Prescaler
(
÷ 128)
32.768 kHz
16.384 kHz
RCR1
Comparator
R64CNT
RSECCNT
RSECAR
128Hz
Reset
30-
second
ADJ
ATI
PRI
CUI
RMINAR:
RHRAR:
RWKAR:
RDAYAR:
RMONAR:
RYRAR:
RCR1:
RCR2:
RCR3:
Minute alarm register
Hour alarm register
Day of the week alarm register
Date alarm register
Month alarm register
Year alarm register
RTC control register 1
RTC control register 2
RTC control register 3
RMONAR
RYRAR
[Legend]
Figure 15.1 RTC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com