Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 544Page - Renesas Technology Corp SH7713 Datasheet HTML 545Page - Renesas Technology Corp SH7713 Datasheet HTML 546Page - Renesas Technology Corp SH7713 Datasheet HTML 547Page - Renesas Technology Corp SH7713 Datasheet HTML 548Page - Renesas Technology Corp SH7713 Datasheet HTML 549Page - Renesas Technology Corp SH7713 Datasheet HTML 550Page - Renesas Technology Corp SH7713 Datasheet HTML 551Page - Renesas Technology Corp SH7713 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 508 of 860
REJ09B0288-0150
• RTC control register 1 (RCR1)
• RTC control register 2 (RCR2)
• RTC control register 3 (RCR3)
15.3.1
64-Hz Counter (R64CNT)
R64CNT indicates the state of the divider circuit (RTC prescaler and R64CNT) between 64 Hz
and 1 Hz.
R64CNT is reset to H'00 by setting the RESET bit in RCR2 or the ADJ bit in RCR2 to 1.
R64CNT is an 8-bit read-only register and not initialized by a power-on reset or manual reset, or
in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0.
6 to 0
R
64-Hz Counter
Each bit (bits 6 to 0) indicates the state of the
RTC divider circuit between 64 and 1Hz.
Bit
Frequency
6:
1 Hz
5:
2 Hz
4:
4 Hz
3:
8 Hz
2:
16 Hz
1:
32 Hz
0:
64 Hz
15.3.2
Second Counter (RSECCNT)
RSECCNT is used for setting/counting in the BCD-coded second section. The count operation is
performed by a carry for each second of the 64-Hz counter.
The range of second can be set is 0 to 59 (decimal). Errant operation will result if any other value
is set. Carry out write processing after stopping the count operation with the START bit in RCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com