Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 548Page - Renesas Technology Corp SH7713 Datasheet HTML 549Page - Renesas Technology Corp SH7713 Datasheet HTML 550Page - Renesas Technology Corp SH7713 Datasheet HTML 551Page - Renesas Technology Corp SH7713 Datasheet HTML 552Page - Renesas Technology Corp SH7713 Datasheet HTML 553Page - Renesas Technology Corp SH7713 Datasheet HTML 554Page - Renesas Technology Corp SH7713 Datasheet HTML 555Page - Renesas Technology Corp SH7713 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 512 of 860
REJ09B0288-0150
15.3.6
Date Counter (RDAYCNT)
RDAYCNT is used for setting/counting in the BCD-coded date section. The count operation is
performed by a carry for each day of the hour counter.
Though the range of date which can be set is 1 to 31 (decimal), it changes with each month and in
leap years. Please confirm the correct setting. Errant operation will result if any other value is set.
Carry out write processing after stopping the count operation with the START bit in RCR2.
RDAYCNT is an 8-bit readable/writable register and not initialized by a power-on reset or manual
reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5, 4
R/W
Counter for 10-unit of date in the BCD-code.
The range can be set from 0 to 3 (decimal).
3 to 0
R/W
Counter for 1-unit of date in the BCD-code.
The range can be set from 0 to 9 (decimal).
15.3.7
Month Counter (RMONCNT)
RMONCNT is used for setting/counting in the BCD-coded month section. The count operation is
performed by a carry for each month of the date counter.
The range of month can be set is 1 to 12 (decimal). Errant operation will result if any other value
is set. Carry out write processing after stopping the count operation with the START bit in RCR2.
RMONCNT is an 8-bit readable/writable register and not initialized by a power-on reset or
manual reset, or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com