| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 555 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 555 Page - Renesas Technology Corp |
|
555 / 904 page ![]() Section 15 Realtime Clock (RTC) Rev.1.50 Aug. 30, 2006 Page 515 of 860 REJ09B0288-0150 RMINAR is an 8-bit readable/writable register. The ENB bit in RMINAR is initialized by a power-on reset. The remaining RMINAR fields are not initialized by a power-on reset or manual reset, or in standby mode. Bit Bit Name Initial Value R/W Description 7 ENB 0 R/W Minute Alarm Enable Specifies whether comparison of RMINCNT and RMINAR is performed as an alarm condition. 0: Not compared 1: Compared 6 to 4 R/W Setting value for 10-unit of minute alarm in the BCD-code. The range can be set from 0 to 5 (decimal). 3 to 0 R/W Setting value for 1-unit of minute alarm in the BCD-code. The range can be set from 0 to 9 (decimal). 15.3.11 Hour Alarm Register (RHRAR) RHRAR is an alarm register corresponding to the hour counter RHRCNT of the RTC. When the ENB bit is set to 1, a comparison with the RHRCNT value is performed. From among RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR, the counter and alarm register comparison is performed only on those with ENB bits and the YAEN bit in RCR3 set to 1, and if each of those coincide, an RTC alarm interrupt is generated. The range of hour alarm which can be set is 0 to 23 (decimal). Errant operation will result if any other value is set. RHRAR is an 8-bit readable/writable register. The ENB bit in RHRAR is initialized by a power- on reset. The remaining RHRAR fields are not initialized by a power-on reset or manual reset, or in standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |