| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 553 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 553 Page - Renesas Technology Corp |
|
553 / 904 page ![]() Section 15 Realtime Clock (RTC) Rev.1.50 Aug. 30, 2006 Page 513 of 860 REJ09B0288-0150 Bit Bit Name Initial Value R/W Description 7 to 5 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 4 R/W Counter for 10-unit of month in the BCD-code. The range can be set from 0 to 1 (decimal). 3 to 0 R/W Counter for 1-unit of month in the BCD-code. The range can be set from 0 to 9 (decimal). 15.3.8 Year Counter (RYRCNT) RYRCNT is used for setting/counting in the BCD-coded year section. The 4 digits of the year are displayed. The count operation is performed by a carry for each year of the month counter. The range for year which can be set is 0000 to 9999 (decimal). Errant operation will result if any other value is set. Carry out write processing after stopping the count operation with the START bit in RCR2 or using a carry flag. RYRCNT is a 16-bit readable/writable register and not initialized by a power-on reset or manual reset, or in standby mode. Leap years are recognized by dividing the year counter value by 4 and obtaining a fractional result of 0. The year counter value of 0000 is included in the leap year. Bit Bit Name Initial Value R/W Description 15 to 12 R/W Counter for 1000-unit of year in the BCD-code. The range can be set from 0 to 9 (decimal) 11 to 8 R/W Counter for 100-unit of year in the BCD-code. The range can be set from 0 to 9 (decimal). 7 to 4 R/W Counter for 10-unit of year in the BCD-code. The range can be set from 0 to 9 (decimal). 3 to 0 R/W Counter for 1-unit of year in the BCD-code. The range can be set from 0 to 9 (decimal). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |