| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 549 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 549 Page - Renesas Technology Corp |
|
549 / 904 page ![]() Section 15 Realtime Clock (RTC) Rev.1.50 Aug. 30, 2006 Page 509 of 860 REJ09B0288-0150 RSECCNT is an 8-bit readable/writable register and not initialized by a power-on reset or manual reset, or in standby mode. Bit Bit Name Initial Value R/W Description 7 0 R Reserved This bit is always read as 0. The write value should always be 0. 6 to 4 R/W Counter for 10-unit of second in the BCD-code. The range can be set from 0 to 5 (decimal). 3 to 0 R/W Counter for 1-unit of second in the BCD-code. The range can be set from 0 to 9 (decimal). 15.3.3 Minute Counter (RMINCNT) RMINCNT is used for setting/counting in the BCD-coded minute section. The count operation is performed by a carry for each minute of the second counter. The range of minute can be set is 0 to 59 (decimal). Errant operation will result if any other value is set. Carry out write processing after stopping the count operation with the START bit in RCR2. RMINCNT is an 8-bit readable/writable register and not initialized by a power-on reset or manual reset, or in standby mode. Bit Bit Name Initial Value R/W Description 7 0 R Reserved This bit is always read as 0.The write value should always be 0. 6 to 4 R/W Counter for 10-unit of minute in the BCD-code. The range can be set from 0 to 5 (decimal). 3 to 0 R/W Counter for 1-unit of minute in the BCD-code. The range can be set from 0 to 9 (decimal). 15.3.4 Hour Counter (RHRCNT) RHRCNT is used for setting/counting in the BCD-coded hour section. The count operation is performed by a carry for each 1 hour of the minute counter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |